Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-25A160A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-25A160A
Description  125째C OPERATION SPI SERIAL E2PROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-25A160A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-25A160A Datasheet HTML 7Page - Seiko Instruments Inc S-25A160A Datasheet HTML 8Page - Seiko Instruments Inc S-25A160A Datasheet HTML 9Page - Seiko Instruments Inc S-25A160A Datasheet HTML 10Page - Seiko Instruments Inc S-25A160A Datasheet HTML 11Page - Seiko Instruments Inc S-25A160A Datasheet HTML 12Page - Seiko Instruments Inc S-25A160A Datasheet HTML 13Page - Seiko Instruments Inc S-25A160A Datasheet HTML 14Page - Seiko Instruments Inc S-25A160A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
125
°C OPERATION SPI SERIAL E
2PROM FOR AUTOMOTIVE ELECTRIC COMPONENT
Rev.1.0_00
S-25A080A/160A/320A
Seiko Instruments Inc.
11
Pin Function
1. CS (Chip select input) Pin
This is an input pin to set a chip in the select status. In the “H” input level, the device is in the non-select status and its
output is high impedance. The device is in standby as long as it is not in Write inside. The device goes in active by
setting the chip select to “L”. Input any instruction code after power-on and a falling of chip select.
2. SI (Serial data input) pin
This pin is to input serial data. This pin receives an instruction code, an address and Write data. This pin latches data
at rising edge of serial clock.
3. SO (Serial data output) pin
This pin is to output serial data. The data output changes at falling edge of serial clock.
4. SCK (Serial clock input) pin
This is a clock input pin to set the timing of serial data. An instruction code, an address and Write data are received at
a rising edge of clock. Data is output at falling edge of clock.
5. WP (Write protect input) pin
Write protect is purposed to protect the area size against the Write instruction (BP1, BP0 in the status register). Fix
this pin “H” or “L” not to set it in the floating state.
Refer to “ Protect Operation” for details.
6.
HOLD (HOLD input) pin
This pin is used to pause serial communications without setting the device in the non-select status.
In the hold status, the serial output goes in high impedance, the serial input and the serial clock go in “Don’t care”.
During the hold operation, be sure to set the device in active by setting the chip select ( CS pin) to “L”.
Refer to “ Hold Operation” for details.


Similar Part No. - S-25A160A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A160A ABLIC-S-25A160A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
More results

Similar Description - S-25A160A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25A256B ABLIC-S-25A256B Datasheet
414Kb / 23P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.2_02
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
S-25A128B ABLIC-S-25A128B Datasheet
450Kb / 26P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02
logo
Seiko Instruments Inc
S25C128A-H SII-S25C128A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C160A-H SII-S25C160A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C080A-H SII-S25C080A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A-H SII-S-25C320A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com