Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC11373 Datasheet(PDF) 5 Page - Texas Instruments

Part No. 74AC11373
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

74AC11373 Datasheet(HTML) 5 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74AC11373
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS213A – MAY 1987 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
D
Q
1.5
9
13.1
1.5
14.8
ns
tPHL
D
Q
1.5
8
10.6
1.5
11.7
ns
tPLH
LE
Any Q
1.5
10
14.5
1.5
16.3
ns
tPHL
LE
Any Q
1.5
9.5
12.8
1.5
14.2
ns
tPZH
OE
Any Q
1.5
9
13.1
1.5
14.7
ns
tPZL
OE
Any Q
1.5
8.5
11.6
1.5
13.1
ns
tPHZ
OE
Any Q
1.5
9.5
12
1.5
12.7
ns
tPLZ
OE
Any Q
1.5
7.5
10.2
1.5
10.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
D
Q
1.5
6
8.9
1.5
10.3
ns
tPHL
D
Q
1.5
5.5
7.6
1.5
8.4
ns
tPLH
LE
Any Q
1.5
6.5
10
1.5
11.3
ns
tPHL
LE
Any Q
1.5
6.5
9.1
1.5
10.2
ns
tPZH
OE
Any Q
1.5
6.5
9.5
1.5
10.8
ns
tPZL
OE
Any Q
1.5
6
8.6
1.5
9.7
ns
tPHZ
OE
Any Q
1.5
8.5
10.6
1.5
11.1
ns
tPLZ
OE
Any Q
1.5
6
8.2
1.5
8.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per latch
Outputs enabled
CL =50 pF
f=1MHz
47
pF
Cpd
Power dissipation capacitance per latch
Outputs disabled
CL = 50 pF,
f = 1 MHz
36
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn