Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8212T Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8212T
Description  System Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8212T Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8212T Datasheet HTML 5Page - Sanyo Semicon Device LV8212T Datasheet HTML 6Page - Sanyo Semicon Device LV8212T Datasheet HTML 7Page - Sanyo Semicon Device LV8212T Datasheet HTML 8Page - Sanyo Semicon Device LV8212T Datasheet HTML 9Page - Sanyo Semicon Device LV8212T Datasheet HTML 10Page - Sanyo Semicon Device LV8212T Datasheet HTML 11Page - Sanyo Semicon Device LV8212T Datasheet HTML 12Page - Sanyo Semicon Device LV8212T Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LV8212T
No.A0817-10/13
LV8212T Functional Description and External Components
This document presents information necessary to design systems with the best possible characteristics and should be read
before designing driver circuits using the LV8212T.
1. Output Drive Circuits and Speed Control Methods
The LV8212T adopts a synchronous commutation direct PWM drive method to minimize power loss in the output.
Low on-resistance DMOS devices are used as the output transistors. (the upper and lower side output block devices
on-resistance is 0.5
Ω (typical)).
The LV8212T spindle drivers control system takes an analog input and uses a V-type control amplifier.
The gain of V-type control circuit can be selected by the following formula with the GSW pin (pin 54).
typ = 0.34V/V (when the GSW pin is low)
and typ = 0.17V/V (when the GSW pin is high).
The V-type control amplifier based speed control system controls the speed by controlling the voltage of the VCTL
pin (pin 16) and SREF pin (pin 20). The circuit provides forward torque when VCTL is greater than VCREF, and
allows the application to select either reverse torque braking (when the BRK pin is low) or short-circuit braking (when
the BRK pin is low) when VCTL is less than VCREF. The PWM frequency is twice the frequency of the charge pump
pulse rate (pin 57).
2. Soft Switching Circuit
This IC performs “soft switching”, which is a technique that varies the duty and achieves quieter motor operation by
reducing the level of motor drive noise. This IC provides a “current application ON/OFF dual sided soft switching”
type soft switching function.
3. Current Limiter Circuit
The current limit value of the current limiter circuit is determined by RF in the equation I = VRF/Rf (here, VRF =
0.20V, typical).
Spindle block : the current limiter circuit detects the SPGND pin (pin 1, 6 and 8) peak current at the SPRF pin (pin 5)
and turns the sink side transistor off.
4. OSC circuit
The OSC pin (pin 17) is an oscillation terminal for start-up current commutation of sensor-less, it has two types, the
main-clock dividing mode, and the self-excited oscillation mode. The main-clock dividing mode can be set-up by
connecting the OSC pin to the VCC pin or GND. The set-up frequency is divided by internal oscillation frequency
(here, 3.2 MHz as typical). And, when the OSC pin is connected to the VCC pin (high level), the main-clock divided
by 4096 to get ground 781Hz.
Also, when the OSC pin is connected to GND, the main-clock is divided by 3072 to get around 1042Hz.
The self-excited oscillation mode can be set up by connecting a capacitor between the OSC pin and GND.
When the self-excited oscillation mode is chosen, the OSC pin starts self-excited.
Thus, it becomes set-up frequency. Oscillation frequency can be adjusted by changing the capacity of an external
capacitor. (ex, if capacity is made small, the set-up frequency will become high.)
When the OSC pin is connected to the VCC pin or GND, and if there is no problem in the start-up characteristic, the
number of external components are reduced. However, if a problem occurs in it, you should choose the value of a
capacitor which can obtain the best start-up characteristic after choosing self-excited mode.
5. Spindle Block Position Sensor comparator Circuit
The spindle block position sensor comparator circuit uses the back EMF signal generated by motor rotation to detect
the rotor position. The output block power application timing is determined based on the position information
acquired by this circuit. Start-up problems due to noise on the comparator inputs can be ameliorated by inserting a
capacitor (1000 of 4700pF) between the SPCIN pin (pin 14) and the SPFIL pin (pin 15).
6. Actuator Block (channel 4 and 5) Output Drive Circuit and Speed Control Method
This IC adopts a synchronous commutation direct PWM drive method. Low on-resistance DMOS devices are used as
the output transistors. (the upper and lower side output block devices on-resistance is 1.3
Ω (typical)).
This circuit takes an analog input and uses a V-type control amplifier. The V-type control amplifier based speed
control system controls the speed by controlling the voltage of the IN4 pin (pin 23 : channel 4), the IN5 pin (pin 22 :
channel 5) and the AREF pin (pin 21).


Similar Part No. - LV8212T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8210W SANYO-LV8210W Datasheet
211Kb / 15P
   A Spindle CD-ROM Actuator
More results

Similar Description - LV8212T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD64547MUV ROHM-BD64547MUV Datasheet
1Mb / 39P
   System Motor Driver
BD64008MUV ROHM-BD64008MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Toshiba Semiconductor
TA8411L TOSHIBA-TA8411L Datasheet
596Kb / 15P
   STEPPING MOTOR SYSTEM DRIVER
logo
Rohm
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8220FN SANYO-LV8220FN Datasheet
147Kb / 15P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8206T SANYO-LV8206T Datasheet
302Kb / 14P
   CD and MD System Motor Driver
logo
Rohm
BD6607KN ROHM-BD6607KN Datasheet
292Kb / 6P
   System Motor Driver for Portable MD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com