Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11086DR Datasheet(PDF) 2 Page - Texas Instruments

Part # 74AC11086DR
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11086DR Datasheet(HTML) 2 Page - Texas Instruments

  74AC11086DR Datasheet HTML 1Page - Texas Instruments 74AC11086DR Datasheet HTML 2Page - Texas Instruments 74AC11086DR Datasheet HTML 3Page - Texas Instruments 74AC11086DR Datasheet HTML 4Page - Texas Instruments 74AC11086DR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
74AC11086
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SCAS081A – NOVEMBER 1989 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1Y
1A
1B
1
16
2
2Y
2A
2B
15
14
3
3Y
3A
3B
11
10
6
4Y
4A
4B
9
8
7
exclusive-OR logic
An exclusive-OR gate has many applications, some of which can be represented better by alternative logic symbols.
EXCLUSIVE OR
= 1
These are five equivalent exclusive-OR symbols valid for a 74AC11086 gate in positive logic; negation may be shown
at any two ports.
=
2k
2k+1
EVEN-PARITY ELEMENT
ODD-PARITY ELEMENT
LOGIC-IDENTITY ELEMENT
The output is active (high) if
all inputs stand at the same
logic level (i.e., A=B).
The output is active (high) if
an even number of inputs
(i.e., 0 or 2) are active (high).
The output is active (high) if an
odd number of inputs (i.e., only
1 of the 2) are active (high).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): D package
1.3 W
. . . . . . . . . . . . . . . . . . . .
N package
1.1 W
. . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils,
except for the N package, which has a trace length of zero.


Similar Part No. - 74AC11086DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11086DR TI1-74AC11086DR Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086DRE4 TI1-74AC11086DRE4 Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086DRG4 TI1-74AC11086DRG4 Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - 74AC11086DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Unisonic Technologies
U74AHCT86 UTC-U74AHCT86 Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI1-74AC11086_15 Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com