Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK925CD107G Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK925CD107G
Description  thick film resistors for high voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK925CD107G Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK925CD107G Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK925CD107G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
120
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/28/07
RK92
thick film resistors for high voltage
Part
Designation
Rated
Ambient
Temperature
Power
Rating
applications and ratings
T.C.R.
(ppm/°C)
Max.
9C
8C
7C
5C
3C
5L
1.1W
1.0W
0.85W
0.75W
0.5W
0.5W
±300
+70°C
Operating
Temperature
Range
-25°C
to
+125°C
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
F: ±1%
G: ±2%
J: ±5%
K: ±10%
M: ±20%
Resistance Range (
Ω)
10kV
Maximum
Working
Voltage
4L
6L
0.5W
0.6W
1M - 500M
––
––
1M - 500M
1M - 500M
1M - 500M
2M - 10M
1M - 500M
––
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
––
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
1M - 1G
––
1M - 1G
1M - 500M
––
––
1M - 500M
1M - 500M
1M - 500M
2M - 10M
1M - 500M
1kV
10kV
7kV
10kV
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
0
406080100
25
20
Ambient Temperature
(°C)
0
-55
120
125
-20
140
Resistance
T.C.R.
25°C
Room temperature +100°C
Within specified tolerance
Within specified tolerance
Performance Characteristics
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
1
0.5
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours,
5
3
Endurance @ 70°C
Room temperature 1000 hours, Rated voltage
5
3
Temperature Cycling
-25°C (30 minutes)/ +125°C (30 minutes) 5 cycles
1
0.5
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 118


Similar Part No. - RK925CD107G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK92SLD107J KOA-RK92SLD107J Datasheet
244Kb / 2P
   thick film resistors for high voltage
More results

Similar Description - RK925CD107G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK92SLD107J KOA-RK92SLD107J Datasheet
244Kb / 2P
   thick film resistors for high voltage
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com