Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP13CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 5KP13CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

5KP13CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  5KP13CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 5KP13CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 5KP13CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
5KP5.0A
5KP5.0CA
5.00
6.40
7.00
50
9.2
544.0
5000
5KP6.0A
5KP6.0CA
6.00
6.67
7.37
50
10.3
486.0
5000
5KP6.5A
5KP6.5CA
6.50
7.22
7.98
50
11.2
447.0
2000
5KP7.0A
5KP7.0CA
7.00
7.78
8.60
50
12.0
417.0
1000
5KP7.5A
5KP7.5CA
7.50
8.33
9.21
5
12.9
388.0
250
5KP8.0A
5KP8.0CA
8.00
8.89
9.83
5
13.6
368.0
150
5KP8.5A
5KP8.5CA
8.50
9.44
10.40
5
14.4
348.0
50
5KP9.0A
5KP9.0CA
9.00
10.00
11.10
5
15.4
325.0
20
5KP10A
5KP10CA
10.00
11.10
12.30
5
17.0
295.0
15
5KP11A
5KP11CA
11.00
12.20
13.50
5
18.2
275.0
10
5KP12A
5KP12CA
12.00
13.30
14.70
5
19.9
252.0
10
5KP13A
5KP13CA
13.00
14.40
15.90
5
21.5
233.0
10
5KP14A
5KP14CA
14.00
15.60
17.20
5
23.2
216.0
10
5KP15A
5KP15CA
15.00
16.70
18.50
5
24.4
205.0
10
5KP16A
5KP16CA
16.00
17.80
19.70
5
26.0
193.0
10
5KP17A
5KP17CA
17.00
18.90
20.90
5
27.6
181.0
10
5KP18A
5KP18CA
18.00
20.00
22.10
5
29.2
172.0
10
5KP20A
5KP20CA
20.00
22.20
24.50
5
32.4
154.0
10
5KP22A
5KP22CA
22.00
24.40
26.90
5
35.5
141.0
10
5KP24A
5KP24CA
24.00
26.70
29.50
5
38.9
129.0
10
5KP26A
5KP26CA
26.00
28.90
31.90
5
42.1
119.0
10
5KP28A
5KP28CA
28.00
31.10
34.40
5
45.4
110.0
10
5KP30A
5KP30CA
30.00
33.30
36.80
5
48.4
103.0
10
5KP33A
5KP33CA
33.00
36.70
40.60
5
53.3
93.9
10
5KP36A
5KP36CA
36.00
40.00
44.20
5
58.1
86.1
10
5KP40A
5KP40CA
40.00
44.40
49.10
5
64.5
77.6
10
5KP43A
5KP43CA
43.00
47.80
52.80
5
69.4
72.1
10
5KP45A
5KP45CA
45.00
50.00
55.30
5
72.7
68.8
10
5KP48A
5KP48CA
48.00
53.30
58.90
5
77.4
64.7
10
5KP51A
5KP51CA
51.00
56.70
62.70
5
82.4
60.7
10
5KP54A
5KP54CA
54.00
60.00
66.30
5
87.1
57.5
10
5KP58A
5KP58CA
58.00
64.40
71.20
5
93.6
53.5
10
5KP60A
5KP60CA
60.00
66.70
73.70
5
96.8
51.7
10
5KP64A
5KP64CA
64.00
71.10
78.60
5
103.0
48.6
10
5KP70A
5KP70CA
70.00
77.80
86.00
5
113.0
44.3
10
5KP75A
5KP75CA
75.00
83.30
92.10
5
121.0
41.4
10
5KP78A
5KP78CA
78.00
86.70
95.80
5
126.0
39.7
10
5KP85A
5KP85CA
85.00
94.40
104.00
5
137.0
36.5
10
5KP90A
5KP90CA
90.00
100.00
111.00
5
146
34.3
10
5KP100A
5KP100CA
100.00
111.00
123.00
5
162
30.9
10
5KP110A
5KP110CA
110.00
122.00
135.00
5
177
28.3
10
5KP120A
5KP120CA
120.00
133.00
147.00
5
193
26.0
10
5KP130A
5KP130CA
130.00
144.00
159.00
5
209
24.0
10
5KP150A
5KP150CA
150.00
167.00
185.00
5
243
20.6
10
5KP160A
5KP160CA
160.00
178.00
197.00
5
259
19.3
10
5KP170A
5KP170CA
170.00
189.00
209.00
5
275
18.2
10
5KP180A
5KP180CA
180.00
200.00
233.00
5
289
17.6
10
5KP190A
5KP190CA
190.00
211.00
233.00
5
310
9.7
10
5KP200A
5KP200CA
200.00
222.00
246.00
5
329.2
9.1
10
5KP210A
5KP210CA
210.00
233.00
258.00
5
349.5
8.6
10
5KP220A
5KP220CA
220.00
244.00
270.00
5
371.1
8.1
10
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com


Similar Part No. - 5KP13CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP13CA LUGUANG-5KP13CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP13CA SURGE-5KP13CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SeCoS Halbleitertechnol...
5KP13CA SECOS-5KP13CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Littelfuse
5KP13CA LITTELFUSE-5KP13CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
DAESAN ELECTRONIC CORP.
5KP13CA DAESAN-5KP13CA Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP13CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com