Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS5LC106K Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # GS5LC106K
Description  high voltage high resistance thick film resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

GS5LC106K Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  GS5LC106K Datasheet HTML 1Page - KOA Speer Electronics, Inc. GS5LC106K Datasheet HTML 2Page - KOA Speer Electronics, Inc. GS5LC106K Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
applications and ratings
GS
high voltage high resistance thick film resistors
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
0
406080100
25
20
Ambient Temperature
(°C)
0
-55
120
125
-20
140
PMS 300 neg.
Black neg.
Part
Designation
Impulse
Withstand
Voltage
Power
Rating
T.C.R.
(ppm/°C)
Max.
GS1/4*
GS1/2*
GS5
GS1
GS7
0.25W
0.5W
1W
5W
7W
0.5M-20M
0.5M-100M
Operating
Temperature
Range
-55°C
to
+125°C
0.5M-500M
0.5M-1G
1M-500M
(D±0.5%)
(F±1%)
(G±2%)
(J±5%)
(K±10%)
Resistance Range (
Ω)
E-24 & 25, 50x10n
Max.
Overload
Voltage
GS2
GS3
2W
3W
0.5M-50M
0.5M
-100M
Max.
Working
Voltage
Rated
Ambient
Temperature
+25°C
GS12
12W
0.5M-1G
1M-500M
0.5M-1G
GS10
10W
1M-500M
D: ±100
L: ±200
D: ±100
L: ±200
D: ±100
D: ±100
L: ±200
D: ±100
L: ±200
D: ±100
L: ±200
D: ±100
L: ±200
L: ±200
D: ±100
L: ±200
L: ±200
D: ±100
0.5M-100M
0.5M-200M
0.5M-500M
0.5M-500M
0.5M-1G
0.5M-500M
0.5M-1G
0.5M-500M
0.5M-1G
0.5M-1G
0.5M-500M
0.5M-10G
1M-500M
0.5M-10G
1M-500M
0.5M-10G
1M-500M
0.5M-200M
0.5M-500M
0.5M-500M
0.5M-5G
0.5M-500M
0.5M-5G
0.5M-500M
0.5M-10G
0.5M-10G
0.5M-100M
0.5M-500M
0.5M-10G
1M-500M
0.5M-10G
1M-500M
0.5M-10G
1M-500M
0.5M-200M
0.5M-500M
0.5M-500M
0.5M-5G
0.5M-500M
0.5M-5G
0.5M-500M
0.5M-10G
0.5M-10G
0.5kV
1kV
3kV
20kV
30kV
5kV
15kV
40kV
35kV
1kV
2kV
4.5kV
30kV
40kV
7.5kV
20kV
60kV
50kV
1.25kV
2.5kV
6kV
40kV
50kV
10kV
30kV
70kV
60kV
Surface Temperature Rise
140
120
100
60
20
0206080
% Rated Power
0
100
GS12
GS7
GS1/2
GS1/4
40
80
40
GS10
GS1
GS5
GS3
GS2
117
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
Taping packaging is available for GS1/4 and GS1/2. Please contact factory.
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 115


Similar Part No. - GS5LC106K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
GS5LC106K KOA-GS5LC106K Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results

Similar Description - GS5LC106K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
GS12LC106J KOA-GS12LC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com