Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6572 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA6572
Description  5-CH Driver for Mini Disc
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6572 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6572 Datasheet HTML 1Page - Sanyo Semicon Device LA6572 Datasheet HTML 2Page - Sanyo Semicon Device LA6572 Datasheet HTML 3Page - Sanyo Semicon Device LA6572 Datasheet HTML 4Page - Sanyo Semicon Device LA6572 Datasheet HTML 5Page - Sanyo Semicon Device LA6572 Datasheet HTML 6Page - Sanyo Semicon Device LA6572 Datasheet HTML 7Page - Sanyo Semicon Device LA6572 Datasheet HTML 8Page - Sanyo Semicon Device LA6572 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA6572
No.7777-5/9
Relation of MUTE and Power (VCC*)
* Connect VCC1 and VCC2 externally (to reduce the effects of voltage drop in the internal metal wiring).
* MUTE operates independently for each CH.
Relation of Each Channel and VREF
* CH1 through CH4 operate for external VREF.
CH5 operates for internal VREF (1.65V (TYP) : fixed).
EN-REG (3.3 VREG) Operation
EN-REG voltage
3.3V power supply state
H
ON
L
OFF
Outline of Input and Output
CH1
CH2
CH3
CH4
VCC1
VCC2
MUTE1
CH5
MUTE2
MUTE3
CH1
CH2
CH3
CH4
External VREF
Internal VREF (1.65V : TYP)
CH5
VIN*
VIN-
VIN+-
-
+
-
+
11k
11k
-
+
-
+
-
+
-
+
VREF-IN
VREF-OUT
VO*+
VO*-
22k
11k
11k
22k
0.5V
2V
3.3VREG : OFF
3.3VREG : ON
EN-VREG


Similar Part No. - LA6572

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
More results

Similar Description - LA6572

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6558 SANYO-LA6558 Datasheet
90Kb / 10P
   6-CH Driver for Mini Disk
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8026G3 FAIRCHILD-FAN8026G3 Datasheet
254Kb / 14P
   5-CH Motor Driver
logo
Sony Corporation
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com