Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6558 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA6558
Description  6-CH Driver for Mini Disk
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6558 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6558 Datasheet HTML 1Page - Sanyo Semicon Device LA6558 Datasheet HTML 2Page - Sanyo Semicon Device LA6558 Datasheet HTML 3Page - Sanyo Semicon Device LA6558 Datasheet HTML 4Page - Sanyo Semicon Device LA6558 Datasheet HTML 5Page - Sanyo Semicon Device LA6558 Datasheet HTML 6Page - Sanyo Semicon Device LA6558 Datasheet HTML 7Page - Sanyo Semicon Device LA6558 Datasheet HTML 8Page - Sanyo Semicon Device LA6558 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LA6558
No.6504-5/10
Pin Functions
Pin No.
Pin Name
Description (functions)
1
VO3-
Output for CH3 (-)
2
VO3+
Output for CH3 (+)
3
VO5-
Output for CH5 (-), inverted relative to input
4
VO5+
Output for CH5 (+), not inverted relative to input
5
VO4-
Output for CH4 (-), inverted relative to input
6
VO4+
Output for CH4 (+), not inverted relative to input
7
P-GND1
Power system GND (CH3, 4, 5)
8
S-GND
Signal system GND
9
VREF
Reference voltage input pin
10
IN-MUTE
Output ON/OFF for BTL AMP (CH1, 2, 4, and 5) and 3.3 V, 5 VREG. ([H]: Output ON, [L]: Output OFF)
11
O-RESET
Reset output (Open collector)
12
VIN4
Input for CH4
13
VIN5
Input for CH5
14
VIN3+
Input for CH3 (+)
15
VIN3-
Input for CH3 (-)
16
5VREG
5V Power output
17
VIN6-
Input for CH6 (-)
18
VIN6+
Input for CH6 (+)
19
VIN2
Input for CH2
20
VIN1
Input for CH1
21
S-VCC
Signal system VCC
22
3.3VREG
3.3V Power output
23
P-VCC
Power system power supply
24
P-GND2
Power system GND(CH1, 2, 6)
25
VO1-
Output for CH1 (-), inverted relative to input
26
VO1+
Output for CH1 (+), not inverted relative to input
27
VO2-
Output for CH2 (-), inverted relative to input
28
VO2+
Output for CH2 (+), not inverted relative to input
29
VO6-
Output for CH6 (-)
30
VO6+
Output for CH6 (+)
*1. Connect P-GND and S-GND externally and set both to the lowest potential (sub-straight).
*2. Connect S-VCC and P-VCC externally for use as power supplies.


Similar Part No. - LA6558

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6551 SANYO-LA6551 Datasheet
352Kb / 9P
   LA6551
LA6556 SANYO-LA6556 Datasheet
293Kb / 8P
   LA6556
LA6557 SANYO-LA6557 Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6559 SANYO-LA6559 Datasheet
98Kb / 9P
   5-Channel Driver
More results

Similar Description - LA6558

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
LA6572 SANYO-LA6572 Datasheet
106Kb / 9P
   5-CH Driver for Mini Disc
logo
Fairchild Semiconductor
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
logo
Sanyo Semicon Device
LA6261D SANYO-LA6261D Datasheet
96Kb / 7P
   Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
   Audio Decoder LSI for Mini-Disk Playback
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
logo
Fairchild Semiconductor
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com