Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73H2ATTED1002C Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RN73H2ATTED1002C
Description  precision high heat resistance metal film chip resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN73H2ATTED1002C Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RN73H2ATTED1002C Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN73H2ATTED1002C Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RN73H
precision high heat resistance metal
film chip resistor
Maximum
Working
Voltage
Resistance Range
E-24, E-96*
(B±0.1%)
(A±0.05%)
(C±0.25%)
(D±0.5%)
±5
±100
±50
±5
±100
±50
±10
±100
±50
±5
±10
(F±1.0%)
Part
Designation
Maximum
Overload
Voltage
Operating
Temp.
Range
Power Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
1/10W
(.10W)
1/8W
(.125W)
1/4W
(.25W)
1/4W
(.25W)
75V
150V
100V
200V
150V
300V
200V
400V
100
Ω - 47kΩ
51
Ω - 100kΩ
100
Ω-300kΩ
100
Ω-510kΩ
100
Ω-510kΩ
100
Ω-300kΩ
51
Ω-300kΩ
±100
±50
100
Ω - 47kΩ
100
Ω - 59kΩ 100Ω - 59kΩ
——
100
Ω-59kΩ
-55°C
to
+155°C
23
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/08/09
10
Ω - 100kΩ
10
Ω - 510kΩ
* E-192 resistance range available, please contact KOA Speer
PMS 300 neg.
Black neg.
100
Ω-100kΩ
±10
100
Ω-100kΩ
100
Ω-100kΩ
100
Ω-100kΩ 100Ω-100kΩ 100Ω-100kΩ
±10
100
Ω-300kΩ
RN73H2E
±25
51
Ω - 510kΩ
15
Ω - 510kΩ
RN73H1J
±25
15
Ω - 59kΩ
10
Ω - 59kΩ
RN73H2A
±25
15
Ω - 100kΩ
RN73H2B
±25
10
Ω - 300kΩ
100
Ω-300kΩ
100
Ω-300kΩ 100Ω-300kΩ
environmental applications
100
Ω-510kΩ
51
Ω - 59kΩ
15
Ω - 300kΩ
100
Ω-510kΩ
100
Ω-59kΩ
15
Ω - 59kΩ
15
Ω - 59kΩ 15Ω - 59kΩ
15
Ω - 100kΩ
15
Ω - 100kΩ 15Ω - 100kΩ
15
Ω - 300kΩ
15
Ω - 300kΩ 15Ω - 300kΩ
15
Ω - 510kΩ
15
Ω - 510kΩ 15Ω - 510kΩ
100
Ω-300kΩ
100
Ω-510kΩ
100
Ω-59kΩ
10
Ω - 100kΩ
10
Ω - 100kΩ
10
Ω - 100kΩ
10
Ω - 100kΩ
10
Ω - 100kΩ
10
Ω - 510kΩ
10
Ω - 510kΩ
10
Ω - 510kΩ
10
Ω - 510kΩ
10
Ω - 510kΩ
100
Ω-100kΩ
10
Ω - 59kΩ
10
Ω - 59kΩ
10
Ω - 59kΩ
10
Ω - 59kΩ
10
Ω - 59kΩ
10
Ω - 300kΩ
10
Ω - 300kΩ
10
Ω - 300kΩ
10
Ω - 300kΩ
10
Ω - 300kΩ
Additional environmental applications can also be found at www.koaspeer.com
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+155°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage x 2.5 or Max. overload volume, whichever is less for 5 seconds
±0.05%
±0.01%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±0.05%
±0.01%
Rapid Change of Temperature
1J, 2A: -55°C (30 minutes), +155°C (30 minutes), 1000 cycles
2B, 2E: -55°C (30 minutes), +155°C (30 minutes), 500 cycles
±0.1%*
±0.02%
Moisture Resistance
85°C ± 2°C, 85%±5%RH, 1000 hours; 1.5 hr ON, 0.5 hr OFF cycle
±0.1%*
±0.05%
Endurance at 85°C
85°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.1%*
±0.05%
High Temperature Exposure
+155°C, 1000 hours
±0.1%*
±0.05%
* Depends on resistance value, please contact KOA Speer for details.
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 21


Similar Part No. - RN73H2ATTED1002C

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN73H2BTTD1002B25 KOA-RN73H2BTTD1002B25 Datasheet
257Kb / 2P
   high heat resistance metal film chip resistor
More results

Similar Description - RN73H2ATTED1002C

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
JT-102 KOA-JT-102 Datasheet
287Kb / 3P
   high heat resistance metal film chip resistor
RN73H KOA-RN73H Datasheet
395Kb / 2P
   high heat resistance metal film chip resistor
RN73H2BTTD1002B25 KOA-RN73H2BTTD1002B25 Datasheet
257Kb / 2P
   high heat resistance metal film chip resistor
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
   Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com