Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKP280A Datasheet(PDF) 5 Page - Sanken electric

Part # FKP280A
Description  N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP280A Datasheet(HTML) 5 Page - Sanken electric

  FKP280A Datasheet HTML 1Page - Sanken electric FKP280A Datasheet HTML 2Page - Sanken electric FKP280A Datasheet HTML 3Page - Sanken electric FKP280A Datasheet HTML 4Page - Sanken electric FKP280A Datasheet HTML 5Page - Sanken electric FKP280A Datasheet HTML 6Page - Sanken electric FKP280A Datasheet HTML 7Page - Sanken electric FKP280A Datasheet HTML 8Page - Sanken electric FKP280A Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
N-Channel MOS FET
FKP280A
September, 2005
Sanken Electric Co.,Ltd.
T02-001EA-050912
Fig.1 Unclamped Inductive Test Method
(a) Test Circuit
(b) Waveforms
Fig.2
Switching Time Test Method
VDD
140V
ID=20A
RL=7Ω
VGS=10V
RG=5Ω
VDD
IL
VDS
RG
L
VGS
0V
ILp
IL
V(BR)DSS
VDD
VDS
ID
VDS
VDD
RG
RL
VGS
0V
P.W.=10μs
Duty cycle≦1%
td(on)
tr
ton
td(off)
tf
toff
90%
10%
90%
10%
VGS
VDS
(a) Test Circuit
EAS=
2
1
•L•ILP2
DD
(BR)DSS
(BR)DSS
V
V
V
(b) Waveforms
5/9


Similar Part No. - FKP280A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKP280A SANKEN-FKP280A Datasheet
377Kb / 9P
   N-Channel MOS FET
logo
Inchange Semiconductor ...
FKP280A ISC-FKP280A Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FKP280A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com