Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKP250A Datasheet(PDF) 2 Page - Sanken electric

Part # FKP250A
Description  N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP250A Datasheet(HTML) 2 Page - Sanken electric

  FKP250A Datasheet HTML 1Page - Sanken electric FKP250A Datasheet HTML 2Page - Sanken electric FKP250A Datasheet HTML 3Page - Sanken electric FKP250A Datasheet HTML 4Page - Sanken electric FKP250A Datasheet HTML 5Page - Sanken electric FKP250A Datasheet HTML 6Page - Sanken electric FKP250A Datasheet HTML 7Page - Sanken electric FKP250A Datasheet HTML 8Page - Sanken electric FKP250A Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
N-Channel MOS FET
FKP250A
June, 2007
Sanken Electric Co., Ltd.
T02-008EA-070531
Electrical characteristics
(Ta=25°C)
Limits
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Drain to Source breakdown Voltage
V(BR)DSS
ID=100μA,VGS=0V
250
V
Gate to Source Leakage Current
IGSS
VGS=±30V
±100
nA
Drain to Source Leakage Current
IDSS
VDS=250V, VGS=0V
100
μA
Gate Threshold Voltage
VTH
VDS=10V, ID=1mA
3.0
4.5
V
Forward Transconductance
Re(Yfs)
VDS=10V, ID=25A
30
42
S
Static Drain to Source On-Resistance
RDS(on)
ID=25A, VGS=10V
37
43
mΩ
Input Capacitance
Ciss
3800
Output Capacitance
Coss
630
Reverse Transfer Capacitance
Crss
VDS=25V
VGS=0V
f=1MHz
210
pF
Turn-On Delay Time
td(on)
40
Rise Time
tr
110
Turn-Off Delay Time
td(off)
160
Fall Time
tf
ID=25A, VDD≈125V
RL=5Ω, VGS=10V
RG=5Ω
See Fig.2
90
ns
Source-Drain Diode Forward Voltage
VSD
ISD=50A,VGS=0V
1.0
1.5
V
Gate Threshold Voltage Temp.
Coefficient
ΔVTH
/
ΔTch
VDS=10V, ID=1mA
-11
mV/°C
2/9


Similar Part No. - FKP250A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
   N-Channel MOS FET
logo
Inchange Semiconductor ...
FKP250A ISC-FKP250A Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FKP250A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com