Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW1NT103H Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RW1NT103H
Description  coat insulated miniature precision power wirewound resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RW1NT103H Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RW1NT103H Datasheet HTML 1Page - KOA Speer Electronics, Inc. RW1NT103H Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
132
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/19/08
RW
coat insulated miniature precision
power wirewound resistors
Part
Designation
Max.
Overload
Voltage
Power Rating
applications and ratings
V
RW1/2
RW1/2N
RW1
RW7
RW1N
RW7N
RW2
RW10
RW2N
0.5W
1.0W
2.0W
7.0W
10W
500V
1 - 45.3k
1 - 60.4k
1 - 45.3k
36 - 44.2k
1 - 60.4k
0.1 - 47k
±20:R
≥10Ω
±50:1
Ω≤R
<10
±90:R<1
36 - 43k
0.1 - 62k
D±0.5%
(E96)
F±1%
(E96)
H±3%
(E24)
J±5%
(E24)
T.C.R.
(ppm/°C)
Resistance Range (
Ω)
Derating Curve
environmental applications
100
80
60
40
20
-100
-50
0
50100350
Ambient Temperature
(°C)
0
-55
150
200300
275
250
25
V
U
350
250
200
150
04080120
% Rated Power
0
160
50
100
RW2
RW1/2, RW1, RW3, RW5
RW7, RW10
300
200
Surface Temperature Rise
600
400
10
1k
RW1N
RW1N
RW1
0
Frequency (Hz)
10k
100
1
RW1
1000
100M
100k
RW1N
1M
10M
200
800
RW1
Resistance
T.C.R.
25°C
U: +25°C/-55°C, +25°C/+125°C and +25°C/+275°C
V: +25°C/-55°C, +25°C/+125°C and +25°C/+350°C
Within regulated tolerance
Within specified T.C.R.
Performance Characteristics
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Test Method
Overload (Short time)
Rated power x 5 or Max. overload voltage, whichever is lower for 5 seconds
0.2: U
Resistance to Solder Heat
350°C ± 10°C, 3 seconds ± 0.5 seconds or 260°C ± 5°C,
10 seconds ± 1 second
0.1
Moisture Resistance
Power rating x 1/10, 40°C, 90 - 95% RH, 1000 hours,
1.5 hr ON/0.5 hr OFF cycle
0.2: U
2: V
Endurance @ 25°C
25°C, 2000 hours
1.5 hr ON/0.5 hr OFF cycle
0.5: U
3: V
High Temperature Exposure
Max.
Working
Voltage
RW3
RW3N
RW5
RW5N
3.0W
5.0W
RW10N
62 - 49.9k
62 - 51k
U
3.0W
10W
14W
5.0W
7.0W
10 - 2.61k
1 - 5.11k
1 - 10k
1 - 15k
1 - 30.1k
10 - 2.61k
10 - 2.37k
1 - 5.11k
10 - 3.74k
1 - 10k
15 - 10k
1 - 15k
15 - 15k
1 - 30.1k
20 - 29.4k
0.47 - 2.7k
10 - 2.4k
0.1 - 5.1k
10 - 3.6k
0.1 - 10k
10 - 10k
0.1 - 15k
15 - 15k
0.1 - 30k
20 - 30k
0.1 - 47k
36 - 43k
0.1 - 62k
62 - 51k
0.47 - 2.7k
10 - 2.4k
0.1 - 5.1k
10 - 3.6k
0.1 - 10k
10 - 10k
0.1 - 15k
15 - 15k
0.1 - 30k
20 - 30k
80V
130V
140V
600V
1000V
200V
400V
150V
300V
800V
1500V
600V
700V
Frequency Characteristics
2: V
Rated power x 10 or Max. overload voltage, whichever is lower for 5 seconds
275
+5 °C, 250 hours
-0
0.2: U
2: V
350
+5 °C, 250 hours
-0
Operating Temperature Range: Characteristic U: -55°C ~ +275°C, V: -55°C ~ +350°C
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 130


Similar Part No. - RW1NT103H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RW1N KOA-RW1N Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
More results

Similar Description - RW1NT103H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
logo
Vishay Siliconix
G00310R00FS7080 VISHAY-G00310R00FS7080 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
logo
KOA Speer Electronics, ...
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
   Insulated Precision Wirewound Resistors Axial Leads
Revision: 02-Apr-15
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com