Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNS1TCT26A1001F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RNS1TCT26A1001F
Description  MIL approved metal film leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RNS1TCT26A1001F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RNS1TCT26A1001F Datasheet HTML 1Page - KOA Speer Electronics, Inc. RNS1TCT26A1001F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
102
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
RNS
MIL approved metal film leaded resistor
Absolute
Maximum
Working
Voltage
Resistance
Range
E-24, E-192
(D±0.5%)
Resistance
Range
E-24, E-96
(F±1.0%)
Operating
Temperature
Range
Power
Rating
applications and ratings
Minimum
Dielectric
Withstanding
Voltage
T.C.R.
(ppm/°C)
Max.
RNS1/8
RNS1
0.125W
0.25W
0.50W
1W
500V
700V
Y: ±5
T: ±10
E: ±25
C: ±50
200V
250V
300V
100
Ω-100kΩ
100
Ω-200kΩ
0.2
Ω-2MΩ
0.2
Ω-5.1MΩ
100
Ω-100kΩ
100
Ω-200kΩ
0.2
Ω-2MΩ
0.2
Ω-5.1MΩ
-25°C to
+85°C
-55°C
to
+165°C
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60
-40
0
406080100160
70
20
Ambient Temperature
(°C)
0
-55
120
165
-20
140
60
50
40
30
20
00.25
0.5
0.75
Loaded Wattage (W)
0
1
10
RNS1/4
RNS1
RNS1/2
RNS1/8
Performance Characteristics
PMS 300 neg.
Black neg.
Resistance
Range
E-24, E-192
(B±0.1%)
100
Ω-100kΩ
100
Ω-200kΩ
5.1
Ω-1.5MΩ
5.1
Ω-1.5MΩ
Resistance
Range
E-24, E-192
(C±0.25%)
100
Ω-100kΩ
100
Ω-200kΩ
5.1
Ω-2MΩ
5.1
Ω-2MΩ
RNS1/2
E: ±25
C: ±50
0.2
Ω-2MΩ
0.2
Ω-2MΩ
0.2
Ω-2MΩ
0.2
Ω-2MΩ
5.1
Ω-750kΩ
5.1
Ω-1MΩ
5.1
Ω-1.62MΩ
5.1
Ω-1.62MΩ
RNS1/4
1000V
E: ±25
C: ±50
350V
0.2
Ω-5.1MΩ
0.2
Ω-6.8MΩ
0.2
Ω-5.1MΩ
0.2
Ω-5.1MΩ
5.1
Ω-2.4MΩ
5.1
Ω-2.4MΩ
5.1
Ω-2.4MΩ
E: ±25
C: ±50
0.2
Ω-4.7MΩ
0.2
Ω-5.1MΩ
0.2
Ω-2.4MΩ
0.2
Ω-5.1MΩ
5.1
Ω-2MΩ
5.1
Ω-2MΩ
5.1
Ω-2MΩ
5.1
Ω-2.4MΩ
700V
5.1
Ω-750kΩ
Absolute
Maximum
Overload
Voltage
400V
500V
600V
700V
Rated
Ambient
Temperature
70°C
Part
Designation
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
Y, T: +25°C/+65°C; E, C: +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is lower
±0.25%
±0.15%
Resistance to Solder Heat
350°C ± 10°C, 3.5 seconds ± 0.5 second
±0.2%
±0.075%
Rapid Change of Temperature
-55°C (30 minutes), +85°C (30 minutes), 5 cycles
±0.2%
±0.075%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.75%
±0.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.5%
±0.35%
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 100


Similar Part No. - RNS1TCT26A1001F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RNS1TCT26A1001F KOA-RNS1TCT26A1001F Datasheet
260Kb / 2P
   MIL approved metal film leaded resistor
More results

Similar Description - RNS1TCT26A1001F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RNS18ECT52R1001F KOA-RNS18ECT52R1001F Datasheet
260Kb / 2P
   MIL approved metal film leaded resistor
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
   general purpose metal film leaded resistor
MF14LCT52RR20J KOA-MF14LCT52RR20J Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CMH IRCTT-CMH Datasheet
238Kb / 3P
   Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
   power carbon film leaded resistor
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
   Standard Metal Film resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
   SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
   Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
   METAL GLAZED FILM RESISTOR
2020.08.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com