Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSIDTEB Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PSIDTEB
Description  chip type power shunt resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSIDTEB Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PSIDTEB Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSIDTEB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/13/08
PSI/PSE
chip type power shunt resistor
PMS 300 neg.
Black neg.
Operating
Temperature
Range
Terminal
Temperature
Under a
Rated Load
F: ±1%
Resistance
Range
Part
Designation
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
PSI
3W*
PSE
3W*
±75
1m
Ω**, 2mΩ**
±50
3m
Ω, 4mΩ
-65°C to +155°C
+105°C and less
* A power rating shall be guaranteed with a method shown in the item. Please inquire before you order and/or use.
** Under development
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
-20
0
406080 100140
105
20
Ambient Temperature
(°C)
0
-65
120
155
Performance Characteristics
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Overload (Short time)
Rated power x 5 for 5 seconds
±0.2%: PSI
±0.5%: PSE
±0.1%: PSI
±0.2%: PSE
Resistance to Solder Heat
260°C ± 5°C, 15 seconds ± 1 second
±0.5%
±0.1%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 1,000 cycles
±0.5%
±0.2%
Moisture Resistance
85°C ± 2°C, 85% RH, 1000 hours, 10% Bias
±0.5%
±0.2%
Endurance at 105°C and Less
of Terminal Temperature
Terminal temperature: 105°C, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
±1.0%
±0.2%: PSI
±0.6%: PSE
Low Temperature Operation
-65°C, 96 hours
±0.5%
±0.02%: PSI
±0.1%: PSE
High Temperature Exposure
+155°C, 1,000 hours
±1%
±0.4%: PSI
±0.6%: PSE
±150
––
J: ±5%
––
––
1m
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 49


Similar Part No. - PSIDTEB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSI KOA-PSI Datasheet
384Kb / 2P
   chip type power shunt resistor
logo
JST Mfg. Co., Ltd.
PSI JST-PSI Datasheet
104Kb / 3P
   8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
   Industrial Temperature Grade with Voltage Reference
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
More results

Similar Description - PSIDTEB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSB KOA-PSB Datasheet
358Kb / 2P
   chip type power shunt resistor
PSI KOA-PSI Datasheet
384Kb / 2P
   chip type power shunt resistor
PSBTTEB KOA-PSBTTEB Datasheet
86Kb / 2P
   chip type power shunt resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
logo
HOKURIKU ELECTRIC INDUS...
PCR16-103JV HOKURIKU-PCR16-103JV Datasheet
212Kb / 2P
   High Power Type Chip Resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
   SHUNT RESISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com