Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW3XCT26A103 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CW3XCT26A103
Description  coat insulated, precision coat insulated miniature wirewound leaded resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CW3XCT26A103 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CW3XCT26A103 Datasheet HTML 1Page - KOA Speer Electronics, Inc. CW3XCT26A103 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For further information
on packaging, please
refer to Appendix C.
CW, CWP
coat insulated, precision coat insulated
miniature wirewound leaded resistors
features
Flameproof silicone coating
equivalent (UL94V0)
Suitable for automatic machine insertion
Marking: Blue-gray body color with color-coded bands
Precision: Color-coded bands and alpha-numeric
black marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
Axial: T26, T52,
T521, T631
Stand-off Axial:
L52A, L52B
Radial: VTP, GT
L forming
ordering information
±2%, ±5%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on value <10
±1%: 3 significant
figures + 1 multiplier
“R” indicates decimal
on value <100
1/4: 0.25W
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
Nil: Power
P: Precision
S: Small
X: Power
C: SnCu
C: ±0.25%
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
K: ±10%
CW
1/2
P
C
Style
Type
Power
Rating
Nominal Resistance
Tolerance
Termination
Material
Taping and
Forming
New Part #
T52
103
A: Ammo
R: Reel
Packaging
A
F
dimensions and construction
d
D
Marking
Insulation Coating
End
Cap
Lead
Wire
L
l
t
t
Ceramic Core
Resistive
Wire
L
CW1/4
.13±.012
(3.3±0.3)
.02
(0.5)
.075±.012
(1.9±0.3)
.018
(0.45)
.024
(0.6)
.031
(0.8)
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.098±.039
(2.5±1.0)
.138±.039
(3.5±1.0)
.157±.039
(4.0±1.0)
.236±.039
(6.0±1.0)
.354±.039
(9.0±1.5)
.039
(1.0)
.118
(3.0)
.256±.039
(6.5±1.0)
.945±.059
(24.0±1.5)
CW1/2
CW1
CW2
CW3
CW5
Type
t (max.)
D
d (nom.)
l
Dimensions inches
(mm)
PMS 300 neg.
Black neg.
.138
+.039
-0
(3.5+1.5)
-0
.374±.039
(9.5±1.0)
CW1X
.138±.039
(3.5±1.0)
CW1P
.157
+.039
-0
(4.0+1.5)
-0
.472±.039
(12.0±1.0)
CW2X
.157±.039
(4.0±1.0)
CW2P
.236
+.039
-0
(6.0+1.5)
-0
.591±.039
(15.0±1.0)
CW3X
.236±.039
(6.0±1.0)
CW3P
1.18±.118
(30.0±3.0)
.098±.039
(2.5±1.0)
.256±.039
(6.5±1.0)
CW1S
.039
(1.0)
.024
(0.6)
EU
127
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:10 PM
Page 125


Similar Part No. - CW3XCT26A103

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW3XCT52A103F KOA-CW3XCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
More results

Similar Description - CW3XCT26A103

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
RW1NT103 KOA-RW1NT103 Datasheet
97Kb / 2P
   coat insulated miniature precision power wirewound resistors
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
   coat-insulated fusing resistor
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
   coat-insulated fusing resistors (constant current fusing type)
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
   Insulated Precision Wirewound Resistors Axial Leads
Revision: 02-Apr-15
logo
Ultralife Corporation.
AV2125 ULTRALIFE-AV2125 Datasheet
83Kb / 1P
   Miniature Coat-Pocket (SATCOM) Antenna
23NOV10 REV:-
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com