Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-01K90L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S7AH-01K90L
Description  NON-ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01K90L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S7AH-01K90L Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 6Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 7Page - Bel Fuse Inc. S7AH-01K90L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0 Vdc - 18 Vdc Input
5 Vdc - 12 Vdc/1A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=5 V
Vo=9 V
Vo=12 V
4.90 V
8.82 V
11.76 V
5 V
9 V
12 V
5.10 V
9.18 V
12.24 V
Test condition:
Vin=12 V, lout=full load
Line Regulation
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
8 mV
15 mV
20 mV
15 mV
25 mV
35 mV
Load Regulation
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
15 mV
25 mV
35 mV
25 mV
45 mV
60 mV
Regulation Over Temperature
(-40
°C to +85 °C)
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
50 mV
70 mV
90 mV
80 mV
100 mV
140 mV
Output Current
0.005 A
-
1 A
Output DC Current Limit
1.1 A
-
1.8 A
Ripple and Noise (rms)
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
3 mV
3 mV
4 mV
5 mV
5 mV
6 mV
Ripple and Noise (pk-pk)
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
10 mV
15 mV
20 mV
15 mV
20 mV
30 mV
Test conditions:
BW = 0-20 MHz; with
π
filter (Co1=10 uF, L=0.47
uH, Co2=10 uF) at the
output
Ripple and Noise (rms)
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
15 mV
25 mV
35 mV
25 mV
35 mV
50 mV
Ripple and Noise (pk-pk)
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
40 mV
70 mV
110 mV
70 mV
100mV
160mV
Test conditions:
BW = 0-20 MHz; with two
10 uF ceramic capacitors at
the output.
Turn On Time
Vo=5 V
Vo=9 V
Vo=12 V
-
-
-
20 mS
30 mS
30 mS
30 mS
45 mS
45 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
0 uF
-
47 uF
Transient Response
Overshoot
-
200mV
300mV
50% ~ 75%
Max Load
Settling Time
-
100uS
150uS
Overshoot
-
200mV
300mV
75% ~ 50%
Max Load
Settling Time
5.0 V
-
100uS
150uS
Overshoot
-
300mV
400mV
50% ~ 75%
Max Load
Settling Time
-
150uS
200uS
Overshoot
-
300mV
400mV
75% ~ 50%
Max Load
Settling Time
9.0 V
-
150uS
200uS
Overshoot
-
350mV
500mV
50% ~ 75%
Max Load
Settling Time
-
150uS
200uS
Overshoot
-
350mV
500mV
75% ~ 50%
Max Load
Settling Time
12.0 V
-
150uS
200uS
di/dt = 0.5 A/uS; Vin = 12
V; and with two 10 uF
ceramic capacitors at the
output
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - S7AH-01K90L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01K90X BEL-S7AH-01K90X Datasheet
97Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
More results

Similar Description - S7AH-01K90L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com