Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPR1CT52A103F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SPR1CT52A103F
Description  power carbon film leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SPR1CT52A103F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SPR1CT52A103F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SPR1CT52A103F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPR
power carbon film leaded resistor
Absolute
Maximum
Overload
Voltage
Resistance
Range
E-24
(F±1%, G±2%)
Resistance
Range
E-24
(J±5%)
Absolute
Maximum
Working
Voltage
Part
Designation
Operating
Temperature
Range
Power
Rating
@ 70°C
applications and ratings
Minimum
Dielectric
Withstanding
Voltage
SPR1/4
SPR1/2
SPR1
SPR2
SPR3
SPR5
SPRX1/4
SPRX1/2
SPRX1
SPRX2
SPRX3
SPRX5
0.25W
0.5W
1W
2W
3W
5W
0.25W
0.5W
1W
2W
3W
5W
300V
2.2
Ω - 10KΩ
0.1
Ω - 2.0Ω
0.1
Ω - 2.0Ω
2.2
Ω - 91KΩ≥100KΩ
2.2
Ω - 110KΩ ≥120KΩ
2.2
Ω - 130KΩ ≥150KΩ
2.2
Ω - 220KΩ ≥240KΩ
500V
700V
800V
300V
500V
700V
800V
250V
400V
500V
600V
500V
800V
1000V
1200V
10
Ω - 100KΩ
2.2
Ω - 10KΩ
2.2
Ω - 240KΩ
2.2
Ω - 330KΩ
2.2
Ω - 510KΩ
2.2
Ω - 750KΩ
2.2
Ω - 1.0MΩ
-55°C
to
+200°C
T.C.R.
(ppm/°C)
±350
T.C.R.
(ppm/°C)
+350 to -600
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
0
406080 100
160
70
20
Ambient Temperature
(°C)
0
-55
120
235
-20
140
180 200 220 240
Surface Temperature Rise
250
200
150
100
50
0255075
% Rated Power
0
100
SPR5
SPR2
SPR3
SPR1
SPR1/2
SPR1/4
Load Life @ 70°C, 1000 Hr
+4
+2
0
0.1
1
10
100
Resistance
(
Ω)
-4
1k
-2
330k
SPRX1
SPR1
210k
100k
Performance Characteristics
E =
Px R E x 2.5
PMS 300 neg.
Black neg.
113
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
Measuring points are at 10mm ±1mm from the end cap.
Room temperature +100°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is lower
±(1%+0.1
Ω)
±0.5%
Resistance to Solder Heat
260°C ±5°C, 10 seconds ± 1 second
±1%
±0.5%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1%
±0.5%
High Temperature Exposure
-125°C, 100 hours
±(2% +0.1
Ω)
±1%
Terminal Strength
Twist 360°C, 5 times
No lead-coming off
and loose terminals
Resistance to Solvent
Ultrasonic washing with isopropyl alcohol for 2 minutes.
Power: 0.3W/cm3, f: 28kHz, Temp: 35°C ±5°C
No abnormality in
appearance. Marking
shall be easily legible
Flame Retardant
Flame test: the test flame shall be applied and removed for each 15 seconds respectively
to repeat the cycle 5 times. Overload flame retardant: power (AC) corresponding to 2, 4,
8, 16 and 32 times the power rating shall be applied for each 1 minute until disconnection
occurs. However the applied voltage shall not exceed the value of 4 times of the
maximum operating voltage
No evidence of
flaming or
self-flaming
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±(3%+0.1
Ω):1/4W-2W
±(5%+0.1
Ω):3W,5W
1.5: 1/4W-2W
2.5: 3W, 5W
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±(3%+0.1
Ω):1/4W-2W
±(5%+0.1
Ω):3W,5W
1.5: 1/4W-2W
2.5: 3W, 5W
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 111


Similar Part No. - SPR1CT52A103F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SPR1CT52A103F KOA-SPR1CT52A103F Datasheet
269Kb / 2P
   power carbon film leaded resistor
More results

Similar Description - SPR1CT52A103F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
SPR2C154J KOA-SPR2C154J Datasheet
299Kb / 3P
   power carbon film leaded resistor
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
logo
KOA Speer Electronics, ...
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com