Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN9612M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN9612M
Description  Interleaved Dual BCM PFC Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN9612M Datasheet HTML 3Page - Fairchild Semiconductor FAN9612M Datasheet HTML 4Page - Fairchild Semiconductor FAN9612M Datasheet HTML 5Page - Fairchild Semiconductor FAN9612M Datasheet HTML 6Page - Fairchild Semiconductor FAN9612M Datasheet HTML 7Page - Fairchild Semiconductor FAN9612M Datasheet HTML 8Page - Fairchild Semiconductor FAN9612M Datasheet HTML 9Page - Fairchild Semiconductor FAN9612M Datasheet HTML 10Page - Fairchild Semiconductor FAN9612M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9612 • Rev. 0.9.1E
7
PRELIMINARY
Electrical Characteristics
Unless otherwise noted, VDD = 12V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
ISTART_UP
Start-up Supply Current
VDD = VON – 0.2V
80
110
µA
IDD
Operating Current
Output Not Switching
2.5
4
mA
IDD_DYM
Dynamic Operating Current
(4)
fSW = 50 kHz; CLOAD = 2 nF
3
5
mA
VON
UVLO Start Threshold Voltage
VDD Increasing
12
12.5
13
V
VOFF
UVLO Stop Threshold Voltage
VDD Decreasing
7.0
7.5
8.0
V
UVLO Hysteresis
5.0
V
Bias Regulator
(C5VB = 0.1 µF)
TA = 25°C; ILOAD = 1 mA
5.0
V
V5VB
5VB Output Voltage
Total Variation over line, load,
and temperature
4.8
5.2
V
IOUT_MAX
Maximum Output Current
5.0
mA
Error Amplifier
TA = 25°C
(±1.4%)
2.95
3.0
3.05
V
Voltage Reference
Total Variation over line, load,
and temperature
(±2.6%)
2.925
3.075
V
Line Regulation
VDD = 10 V to 18 V
0.1
10
mV
VSS
Temperature Stability
20
mV
IBIAS
Input Bias Current
VFB = 1V to 3 V;
|VSS – VFB| ≤ 0.1 V
–0.5
0.5
µA
IOUT_SRC
Output Source Current
VSS = 3 V; VFB = 3.1 V
–10
µA
IOUT_SINK
Output Sink Current
VSS = 3V; VFB = 2.9 V
10
µA
VOH
Output High Voltage
4.5
4.7
V5VB
V
VOL
Output Low Voltage
ISINK < 100µA
0.0
0.1
0.2
V
gM
Transconductance
(Note 1)
80
100
120
µmho
PWM
PWM Ramp Offset
TA = 25°C
120
195
270
mV
Minimum On-Time
VFB > VSS
0.0
µs
Maximum On-Time
VMOT
Maximum On-time Voltage
R = 125k
1.23
1.25
1.27
V
tON,MAX
Maximum On-Time
R = 125k; VVIN = 2.5V;
VCOMP > 4.5 V; TA = 25°C
4.6
µs
Restart Timer
(4) (each channel)
fSW,RT
Minimum Switching Frequency
VFB > VPWM_OFFSET
15.5
kHz


Similar Part No. - FAN9612M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN9612M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
ON Semiconductor
FAN9672 ONSEMI-FAN9672 Datasheet
1Mb / 26P
   Two-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com