Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7085
Description  High Side Gate Driver with Recharge FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7085 Datasheet HTML 1Page - Fairchild Semiconductor FAN7085 Datasheet HTML 2Page - Fairchild Semiconductor FAN7085 Datasheet HTML 3Page - Fairchild Semiconductor FAN7085 Datasheet HTML 4Page - Fairchild Semiconductor FAN7085 Datasheet HTML 5Page - Fairchild Semiconductor FAN7085 Datasheet HTML 6Page - Fairchild Semiconductor FAN7085 Datasheet HTML 7Page - Fairchild Semiconductor FAN7085 Datasheet HTML 8Page - Fairchild Semiconductor FAN7085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
FAN7085_F085 Rev. 1.0.3
Statics Electrical Characteristics
Unless otherwise specified, -40°C <= Ta <= 125 °C, VCC = 5V, VBS = 7V, VS = 0V, V RESET = 5V, RL = 50
Ω, CL = 2.5nF.
Note: The input parameter are referenced to GND. The VO and IO parameters are referenced to GND.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
VCC and VBS Supply Characteristics
VCC and VBS supply under voltage
positive going threshold
VCCUV+
VBSUV+
V
cc and VBS rising from 0V
-
3.7
4.3
V
VCC and VBS supply under voltage
negative going threshold
VCCUV-
VBSUV-
V
cc and VBS dropping from 5V
2.8
3.4
-
V
VCC and VBS under voltage hysteresis
VCCUVH
VBSUVH
-
0.02
0.3
-
V
Under voltage lockout response time
tduvcc
tduvbs
VCC: 6.5V->2.4V or 2.4V->6.5V
VBS: 6.5V->2.4V or 2.4V->6.5V
0.5
0.5
20
20
us
us
Offset supply leakage current
ILK
VB=VS=300V
-
-
200
uA
Quiescent Vcc supply current
IQCC
V
cc =20V
-
-
500
uA
Quiescent VBS supply current
IQBS1
Static mode,
VBS=7V, VIN =0 or 5V
100
uA
Quiescent VBS supply current
IQBS2
Static mode,
VBS =16V, VIN =0 or 5V
200
uA
VBS drop due to output turn-on
(Design guaranty)
∆VBS
VBS =7V, Cbs=1uF, tdIG-IN =3uS,
tTEST=100uS
210
mV
Input Characteristics
High logic level input voltage for IN-
VIH
0.6VCC
-
-
V
Low logic level input voltage for IN-
VIL
-
-
0.28VCC
V
Low logic level input bias current for IN-
IIN-
VIN =0
5
25
60
uA
High logic level input bias current for IN-
IIN+
VIN =5V
-
-
5
uA
Full up resistance at IN
RIN
83
200
1000
ΚΩ
High logic level input voltage for RESET-
VRH
0.6Vcc
-
-
V
Low logic level input voltage for RESET-
VRL
0.28Vcc
V
High logic level input current for RESET-
IRES+
VRESET=5V
5
25
60
uA
Low logic level input bias current for RESET-
IRES-
VRESET=0
5
uA
Full down resistance at RESET-
RRES
83
200
1000
ΚΩ
Output characteristics
High level output voltage, VB - VHO
VOH
IO=0
-
-
0.1
V
Low level output voltage, VHO-GND
VOL
IO=0
-
-
0.1
V
Peak output source current
IO+
VIN =5V
250
450
-
mA
Peak output sink current
IO-
VIN =0
250
450
-
mA
Equivalent output resistance
ROP
15.5
28
RON
15.5
28
Recharge Characteristics
Recharge TR turn-on propagation delay
Ton_rech
4
7.9
9.8
us
Recharge TR turn-off propagation delay
Toff_rech
0.2
0.4
us
Recharge TR on-state voltage drop
VRECH
Is=1mA, VIN=5V @125
°C
1.2
V
Dead Time Characteristics
High side turn-off to recharge gate turn-on
DTHOFF
V
cc=5V, VS=7V
4
7.8
9.8
us
Recharge gate turn-off to high side turn-on
DTHON
V
cc=5V, VS=7V
0.1
0.4
0.7
us


Similar Part No. - FAN7085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085M FAIRCHILD-FAN7085M Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085M-GF085 ONSEMI-FAN7085M-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
More results

Similar Description - FAN7085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
   HIGH SIDE DRIVER WITH RECHARGE
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
   High Side Driver with Internal Vs Recharge
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_1 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com