Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6961SY Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN6961SY
Description  Boundary Mode PFC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6961SY Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6961SY Datasheet HTML 1Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 2Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 3Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 4Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 5Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 6Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 7Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 8Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6961 • Rev. 1.0.2
3
Marking Information
Figure 3. Marking Information
Pin Configuration
14
3
2
8765
VCC
GATE
MOT
ZCD
INV
COMP
CS
GND
Figure 4.
DIP and SOP Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1
INV
Inverting input of the error amplifier
. INV is connected to the converter output via a resistive
divider. This pin is also used for over-voltage clamping and open-loop feedback protection.
2
COMP
The output of the error amplifier
. To create a precise clamping protection, a compensation
network between this pin and GND is suggested.
3
MOT
Maximum On Time
A resistor from MOT to GND is used to determine the maximum on-time of
the external power MOSFET. The maximum output power of the converter is a function of the
maximum on time.
4
CS
Current Sense
. Input to the over-current protection comparator. When the sensed voltage
across the sense resistor reaches the internal threshold (0.8V), the switch is turned off to
activate cycle-by-cycle current limiting.
5
ZCD
Zero Current Detection
. This pin is connected to an auxiliary winding via a resistor to detect
the zero crossing of the switch current. When the zero crossing is detected, a new switching
cycle is started. If it is connected to GND, the device is disabled.
6
GND
Ground
. The power ground and signal ground. Placing a 0.1µF decoupling capacitor between
VCC and GND is recommended.
7
GATE
Driver output
. Totem-pole driver output to drive the external power MOSFET. The clamped
gate output voltage is 16.5V.
8
VCC
Power supply
. Driver and control circuit supply voltage.
F
- Fairchild Logo
Z- Plant Code
X- Year Code
Y- Week Code
TT: Die Run Code
T: Package type (S=SOP, D=DIP)
P: Z: Pb Free
Y: Green Compound
M: Manufacture Flow Code
FAN6961
TPM


Similar Part No. - FAN6961SY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN6961SY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
   Boundary-Mode PFC Controller with Harmonic Injection
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com