Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1E2NKTTDD101F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CN1E2NKTTDD101F
Description  convex termination with square corners resistor array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1E2NKTTDD101F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CN1E2NKTTDD101F Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1E2NKTTDD101F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
61
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/22/08
Absolute
Maximum
Working
Voltage
Resistance
Range
E-24
(J±5%)
Part
Designation
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
Max.
applications and ratings
CN1E2K
CN1H2N
CN1H4N
CN1F8K
CN1FN8K
CN1E4K
CN1J2K
1/16W (.063W)
1/32W (.031W)
25V
50V
50V
12.5V
25V
100V
25V
50V
-55°C to +125°C
±200:R>10
±400:R<10
10
Ω - 1MΩ
10
Ω - 1MΩ
CN1J4K
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
70
125
Ambient Temperature
(°C)
0
0
-55
100
80
60
40
20
50
100150200
% Rated Power
0
0
CN1E2K
2
1
CN1E2K 2
CN1E4K 1
CN1E4K 2
CN1F8K 1
CN1F8K 2
CN1H2N
CN1H4N
circuit schematic
R1 R2
Rn
R1 = R2 = . . . = Rn
(n = 2, 4 or 8)
. . . . . . . .
. . . . . . . .
CN
K/N
convex termination with square corners
resistor array
Performance Characteristics
PMS 300 neg.
Black neg.
1/16W (.063W)*
0.25W per package
Resistance
Range
E-96
(F±1%)
10
Ω - 100kΩ
–––
1
Ω - 1MΩ
2
1
UNDER
DEVEL.
* Note that network resistors generate higher heat rather than single flat chip resistor under rated power output
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within regulated
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±2.0%
±0.25%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.75%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1.0%
±0.5%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±1.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±0.5%
Low Temperature Operation
-55°C, 1 hour
±1.0%
±0.1%
High Temperature Exposure
+125°C, 100 hours
±1.0%
±0.15%
1733 Reader's Spreads pg1-203:document
1/27/09
4:05 PM
Page 59


Similar Part No. - CN1E2NKTTDD101F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1E2NKTTDD KOA-CN1E2NKTTDD Datasheet
133Kb / 4P
   Flat Chip Resistor Array
More results

Similar Description - CN1E2NKTTDD101F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
   convex termination with square corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
   convex termination with square corners resistor array
CN-A KOA-CN-A Datasheet
390Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4TTD101J KOA-CN1J4TTD101J Datasheet
260Kb / 2P
   concave termination with square corners resistor array
CN2B8TTE102J KOA-CN2B8TTE102J Datasheet
288Kb / 3P
   concave termination with square corners resistor array
CN2B4TTE103J KOA-CN2B4TTE103J Datasheet
288Kb / 3P
   concave termination with square corners resistor array
CN KOA-CN Datasheet
399Kb / 2P
   concave termination with square corners resistor array
logo
Stackpole Electronics, ...
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com