Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3708EUH Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3708EUH
Description  Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3708EUH Datasheet(HTML) 3 Page - Linear Technology

  LTC3708EUH Datasheet HTML 1Page - Linear Technology LTC3708EUH Datasheet HTML 2Page - Linear Technology LTC3708EUH Datasheet HTML 3Page - Linear Technology LTC3708EUH Datasheet HTML 4Page - Linear Technology LTC3708EUH Datasheet HTML 5Page - Linear Technology LTC3708EUH Datasheet HTML 6Page - Linear Technology LTC3708EUH Datasheet HTML 7Page - Linear Technology LTC3708EUH Datasheet HTML 8Page - Linear Technology LTC3708EUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3708
3
3708fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, DRVCC = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVFB(LOADREG)1,2 Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 3)
–0.05
–0.2
%
gm(EA)1,2
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
l
1.2
1.45
1.7
mS
tON1,2
On-Time
ION = 60μA, VFCB = 0V
ION = 30μA, VFCB = 0V
94
186
116
233
138
280
ns
ns
tON(MIN)1,2
Minimum On-Time
ION = 180μA
50
85
ns
tOFF(MIN)1,2
Minimum Off-Time
ION = 30μA
270
350
ns
VSENSE(MAX)1,2
Maximum Current Sense Threshold
VRNG = 1V, VFB = 0.565V
VRNG = 0V, VFB = 0.565V
VRNG = VCC, VFB = 0.565V
125
90
180
143
100
200
160
110
220
mV
mV
mV
VSENSE(MIN)1,2
Minimum Current Sense Threshold
VRNG = 1V, VFB = 0.635V
VRNG = 0V, VFB = 0.635V
VRNG = VCC, VFB = 0.635V
–62
–42
–88
mV
mV
mV
ΔVFB(OV)1,2
Overvoltage Fault Threshold
8.5
10
11.5
%
ΔVFB(UV)1,2
Undervoltage Fault Threshold
–380
–420
–460
mV
VRUN/SS(ON)
RUN Pin Start Threshold
l
0.8
1.3
1.8
V
VRUN/SS(LE)
RUN Pin Latchoff Enable Threshold
RUN/SS Pin Rising
2.6
3
3.3
V
VRUN/SS(LT)
RUN Pin Latchoff Threshold
RUN/SS Pin Falling
2.2
2.5
2.8
V
IRUN/SS(C)
Soft-Start Charge Current
VRUN/SS = 0V
–0.5
–1.2
–2
μA
IRUN/SS(D)
Soft-Start Discharge Current
VRUN/SS = VRUN/SS(LE), VFB1,2 = 0V
0.8
2
3
μA
VCC(UVLO)
Undervoltage Lockout
VCC Falling
3.2
3.6
V
VCC(UVLOR)
Undervoltage Lockout Release
VCC Rising
3.5
3.8
V
TG RUP1,2
TG Driver Pull-Up On-Resistance
TG High (Note 6)
2
Ω
TG RDOWN1,2
TG Driver Pull-Down On-Resistance
TG Low (Note 6)
2
Ω
BG RUP1,2
BG Driver Pull-Up On-Resistance
BG High (Note 6)
3
Ω
BG RDOWN1,2
BG Driver Pull-Down On-Resistance
BG Low (Note 6)
1
Ω
Tracking
ITRACK1,2
TRACK Pin Input Current
ITH = 1.2V, VTRACK = 0.2V (Note 3)
–100
–150
nA
VFB(TRACK1,2)
Feedback Voltage at Tracking
VTRACK = 0V, ITH = 1.2V (Note 3)
VTRACK = 0.2V, ITH = 1.2V (Note 3)
VTRACK = 0.4V, ITH = 1.2V (Note 3)
–10
190
390
0
200
400
–10
210
410
mV
mV
mV
PGOOD Output
ΔVFBH1,2
PGOOD Upper Threshold
Either VFB Rising
8.5
10
11.5
%
ΔVFBL1,2
PGOOD Lower Threshold
Either VFB Falling
–8.5
–10
–11.5
%
ΔVFB(HYS)1,2
PGOOD Hysteresis
VFB Returning
3
5
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.1
0.4
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 7V
±1
μA
PG Delay
PGOOD Delay
VFB Falling
100
μs
Phase-Locked Loops
VFCB(DC)
Forced Continuous Threshold
Measured with a DC Voltage at FCB Pin
1.9
2.1
2.3
V
VFCB(AC)
Clock Input Threshold
Measured with a AC Pulse at FCB Pin
1
1.5
2
V
IEXTLPF
External Phase Detector Output Current
Sourcing Capability
Sinking Capability
fFCB < fSW1, VEXTLPF = 0V
fFCB > fSW1, VEXTLPF = 2.4
20
–20
μA
μA


Similar Part No. - LTC3708EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
More results

Similar Description - LTC3708EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com