Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3708EUH Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3708EUH
Description  Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3708EUH Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3708EUH Datasheet HTML 5Page - Linear Technology LTC3708EUH Datasheet HTML 6Page - Linear Technology LTC3708EUH Datasheet HTML 7Page - Linear Technology LTC3708EUH Datasheet HTML 8Page - Linear Technology LTC3708EUH Datasheet HTML 9Page - Linear Technology LTC3708EUH Datasheet HTML 10Page - Linear Technology LTC3708EUH Datasheet HTML 11Page - Linear Technology LTC3708EUH Datasheet HTML 12Page - Linear Technology LTC3708EUH Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3708
9
3708fb
FUNCTIONAL DIAGRAM
CLOCK DETECTOR
FCB
INTLPF
ION
RON
EXTLPF
PHASE DETECTOR
(PD1)
TO CHANNEL 2 OST
FCNT
ON
SHDN
OV
ENABLE
PHASE DETECTOR
(PD2)
OST
FROM CHANNEL 2
TG
tON =
(10pF)
0.7
IION
R
S
20k
Q
+
+
ICMP
IREV
TG
CB
M1
L1
VIN
DB
VOUT
+
CIN
SWITCH
LOGIC
SW
SENSE+
DRVCC
BG
PGND
SENSE
0.66V
0.54V
FROM CHANNEL 2
OV AND UV COMPARATORS
VFB
R2
SGND
BOOST
M2
VCC
CVCC
0.6V
REF
CDRVCC
+
COUT
R1
PGOOD
OV
UV
RUN
SHDN
ENABLE
>100μs
BLANKING
VRNG
1.4V
0.7V
ITH
CC
RC
TRACK
Q4
EA
3.3μA
1
240k
Q1
Q2
Q3
0.6V
VREF
DUPLICATE FOR SECOND
CHANNEL CONTROLLER
NOTE: THE RUN/SS PIN ONLY CLAMPS
VREF FOR PHASE 1 NOT PHASE 2.
+
1.3V
RUN/SS
1.2μA
6V
3708 FD
CSS
1.3V
CEPLL
REPLL
RIPLL
CIPLL


Similar Part No. - LTC3708EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
More results

Similar Description - LTC3708EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com