Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT16657 Datasheet(PDF) 2 Page - Texas Instruments

Part # 54ACT16657
Description  16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54ACT16657 Datasheet(HTML) 2 Page - Texas Instruments

  54ACT16657 Datasheet HTML 1Page - Texas Instruments 54ACT16657 Datasheet HTML 2Page - Texas Instruments 54ACT16657 Datasheet HTML 3Page - Texas Instruments 54ACT16657 Datasheet HTML 4Page - Texas Instruments 54ACT16657 Datasheet HTML 5Page - Texas Instruments 54ACT16657 Datasheet HTML 6Page - Texas Instruments 54ACT16657 Datasheet HTML 7Page - Texas Instruments 54ACT16657 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
54ACT16657, 74ACT16657
16-BIT TRANSCEIVERS
WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SCAS164A – JANUARY 1991 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
In the receive mode, after the 1B (or 2B) bus is polled to determine the number of high bits, the 1ERR (or 2ERR)
output logic level indicates whether or not the data to be received exhibits the correct parity sense. For example,
if 1ODD/EVEN is high (odd parity selected), 1PARITY is high, and there are three high bits on the 1B bus, then
1ERR is low, indicating a parity error.
The 74ACT16657 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16657 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74ACT16657 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
NUMBER OF A OR B
INPUTS
INPUT/OUTPUT
OUTPUTS
NUMBER OF A OR B
INPUTS THAT ARE HIGH
OE
T/R
ODD/EVEN
INPUT/OUTPUT
PARITY
ERR
OUTPUT MODE
L
H
H
H
Z
Transmit
L
HL
L
Z
Transmit
02468
L
LH
H
H
Receive
0, 2, 4, 6, 8
L
LH
L
L
Receive
L
LL
H
L
Receive
L
LL
L
H
Receive
L
H
H
L
Z
Transmit
L
HL
H
Z
Transmit
1357
L
LH
H
L
Receive
1, 3, 5, 7
L
LH
L
H
Receive
L
LL
H
H
Receive
L
LL
L
L
Receive
Don’t care
H
X
X
Z
Z
Z


Similar Part No. - 54ACT16657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16657 TI1-54ACT16657 Datasheet
348Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
54ACT16657 TI1-54ACT16657_08 Datasheet
348Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
More results

Similar Description - 54ACT16657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16657 TI-SN54ABT16657_08 Datasheet
355Kb / 12P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT16657 TI-SN54ABT16657 Datasheet
183Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
54ACT16657 TI1-54ACT16657_08 Datasheet
348Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT657A TI1-SN54ABT657A_09 Datasheet
358Kb / 13P
[Old version datasheet]   OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT657A TI-SN54ABT657A Datasheet
159Kb / 9P
[Old version datasheet]   OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com