Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3707EGN-SYNC Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3707EGN-SYNC
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707EGN-SYNC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3707EGN-SYNC Datasheet HTML 5Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 6Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 7Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 8Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 9Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 10Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 11Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 12Page - Linear Technology LTC3707EGN-SYNC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3707-SYNC
9
3707sfa
FUCTIONAL DIAGRAM
SWITCH
LOGIC
+
0.8V
4.8V
5V
VIN
VIN
4.5V
BINH
CLK2
CLK1
0.18μA
R6
R5
+
FCB
+
+
+
+
VREF
INTERNAL
SUPPLY
3.3VOUT
VSEC
RLP
CLP
3V
FCB
EXTVCC
INTVCC
SGND
+
5V
LDO
REG
SW
SHDN
0.55V
TOP
BOOST
TG
CB
CIN
D1
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
CSEC
COUT
VOUT
3707 FD/F02
DSEC
RSENSE
R2
VOSENSE
DROP
OUT
DET
RUN
SOFT
START
BOT
TOP ON
S
R
Q
Q
OSCILLATOR
PHASE DET
PLLFLTR
PLLIN
FCB
EA
0.86V
0.80V
OV
VFB
1.2μA
6V
R1
+
RC
4(VFB)
RST
SHDN
RUN/SS
ITH
CC
CC2
CSS
4(VFB)
0.86V
SLOPE
COMP
3mV
+
+
SENSE
SENSE+
INTVCC
30k
45k
2.4V
45k
30k
I1
I2
B
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
+
+
50k
FIN
+
+
+
+
PGOOD
VOSENSE1
VOSENSE2
0.86V
0.74V
0.86V
0.74V
OPERATION (Refer to Functional Diagram)
Main Control Loop
The IC uses a constant frequency, current mode step-down
architecture with the two controller channels operating
180 degrees out of phase. During normal operation, each
top MOSFET is turned on when the clock for that channel
sets the RS latch, and turned off when the main current
comparator, I1, resets the RS latch. The peak inductor
current at which I1 resets the RS latch is controlled by the
voltage on the ITH pin, which is the output of each error
amplifier EA. The VOSENSEpinreceivesthevoltagefeedback
signal, which is compared to the internal reference voltage
by the EA. When the load current increases, it causes a
slight decrease in VOSENSE relative to the 0.8V reference,
which in turn causes the ITH voltage to increase until the
average inductor current matches the new load current.
After the top MOSFET has turned off, the bottom MOSFET
is turned on until either the inductor current starts to
reverse, as indicated by current comparator I2, or the
beginning of the next cycle.
The top MOSFET drivers are biased from floating bootstrap
capacitor CB, which normally is recharged during each off
cycle through an external diode when the top MOSFET
Figure 2


Similar Part No. - LTC3707EGN-SYNC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707EGN-PBF LINER-LTC3707EGN-PBF Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-TR LINER-LTC3707EGN-TR Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-TRPBF LINER-LTC3707EGN-TRPBF Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3707EGN-SYNC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com