Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X7R0402KT Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # X7R0402KT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X7R0402KT Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

Back Button X7R0402KT Datasheet HTML 3Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 4Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 5Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 6Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 7Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 8Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 9Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 10Page - KOA Speer Electronics, Inc. X7R0402KT Datasheet HTML 11Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
KOA SPEER
10. Typical Impedance Characteristics - NPO
10
100
1000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
1000 pF - C0G (NP0)
1.0
0.1
10
1206
0805
1812
1210
1,000
10,000
100
0
+20
+25
+40
+60
+80
Temperature
°C
Insulation Resistance vs Temperature
+100
Typical Capacitance Change
Envelope: 0
± 30 ppm/°C
+0.5
0
-0.5
-55 -35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature
°C
Temperature Coefficient
10
100
1000
Frequency, MHz
Variation of Impedance with Ceramic Formulation
Impedance vs. Frequency
1000 pF - C0G (NP0) vs X7R
0805
0.10
0.01
1.00
X7R
NPO
10.00
1,000
10,000
100
1
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
0805 - C0G (NP0)
10 pF vs. 100 pF vs. 1000 pF
10 pF
100 pF
1000 pF
1.0
0.1
10.0
100,000
+1
+2
0
-1
-2
1kHz
10 kHz
100 kHz
1 MHz
10 MHz
Frequency
Δ Capacitance vs. Frequency
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 7 OF 13
TN-196 R12
1/25/07
9:45 AM
Page 7


Similar Part No. - X7R0402KT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X7R0402KTTD101B KOA-X7R0402KTTD101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R0402KTTD101C KOA-X7R0402KTTD101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R0402KTTD101D KOA-X7R0402KTTD101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R0402KTTD101F KOA-X7R0402KTTD101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R0402KTTDB101B KOA-X7R0402KTTDB101B Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X7R0402KT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com