Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT16543 Datasheet(PDF) 7 Page - Texas Instruments

Part # 54ACT16543
Description  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54ACT16543 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 54ACT16543 Datasheet HTML 2Page - Texas Instruments 54ACT16543 Datasheet HTML 3Page - Texas Instruments 54ACT16543 Datasheet HTML 4Page - Texas Instruments 54ACT16543 Datasheet HTML 5Page - Texas Instruments 54ACT16543 Datasheet HTML 6Page - Texas Instruments 54ACT16543 Datasheet HTML 7Page - Texas Instruments 54ACT16543 Datasheet HTML 8Page - Texas Instruments 54ACT16543 Datasheet HTML 9Page - Texas Instruments 54ACT16543 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
54ACT16543, 74ACT16543
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS126B – MARCH 1990 – REVISED APRIL 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT16543
74ACT16543
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
3.5
6.9
9.5
3.5
10.5
3.5
10.5
ns
tPHL
A or B
B or A
3.1
7.3
10.7
3.1
11.6
3.1
11.6
ns
tPLH
LEBA or LEAB
AorB
3.9
8.6
12.3
3.9
13.8
3.9
13.8
ns
tPHL
LEBA or LEAB
A or B
3.9
8.7
12.2
3.9
13.5
3.9
13.5
ns
tPZH
OEBA or OEAB
AorB
2.6
7.1
10.3
2.6
11.4
2.6
11.4
ns
tPZL
OEBA or OEAB
A or B
3.5
8.3
11.9
3.5
13.2
3.5
13.2
ns
tPHZ
OEBA or OEAB
AorB
4.1
8.2
10.5
4.1
11.1
4.1
11.1
ns
tPLZ
OEBA or OEAB
A or B
5
7.3
9.3
5
9.6
5
9.6
ns
tPZH
CEBA or CEAB
AorB
3.1
7.3
10.7
3.1
11.7
3.1
11.7
ns
tPZL
CEBA or CEAB
A or B
3.9
8.5
12.2
3.9
13.5
3.9
13.5
ns
tPHZ
CEBA or CEAB
AorB
4.6
8.5
11
4.6
11.6
4.6
11.6
ns
tPLZ
CEBA or CEAB
A or B
5.2
7.4
9.7
5.2
10.5
5.2
10.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
45
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
12
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 54ACT16543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16543 TI-54ACT16543 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54ACT16543

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com