Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR1TTEB10L0D Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CSR1TTEB10L0D
Description  four-terminal current sense resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CSR1TTEB10L0D Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CSR1TTEB10L0D Datasheet HTML 1Page - KOA Speer Electronics, Inc. CSR1TTEB10L0D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
CSR
four-terminal current sense resistor
Dielectric
Withstanding
Voltage
Resistance
Tolerance
Resistance
Range
E-12
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
CSR1
CSR2
1W
2W
±50
5m
Ω - 50mΩ
+70°C
500V
-55°C to +125°C
D: ±0.5%,F: ±1%
F: ±1%
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60
-40
-20
0
406080100140
70
20
Ambient Temperature
(°C)
0
-55
120
125
125
100
75
50
25
25
50
75
100
% Rated Power
CSR2
CSR1
0
0
typical circuit schematic
Input
Detecting
Circuit
Output
C
S
R
Voltage Terminal
(KELVIN terminal)
Current Terminal
Performance Characteristics
Parameter
Requirement ∆R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+125°C
Within regulated
tolerance
Within specified
T.C.R.
Overload
Rated power x 5 for 5 seconds
±1.0%
±1.0%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±1.0%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 500 cycles
±1.0%
±0.5%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2.0%
±0.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1.0%
±0.5%
Low Temperature Operation
-55°C, 1 hour
±0.5%
±0.25%
High Temperature Exposure
+125°C, 100 hours
±0.5%
±0.25%
PMS 300 neg.
Black neg.
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 45


Similar Part No. - CSR1TTEB10L0D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CSR1TTE10L0D KOA-CSR1TTE10L0D Datasheet
272Kb / 2P
   four-terminal current sense resistor
CSR1TTE10L0F KOA-CSR1TTE10L0F Datasheet
272Kb / 2P
   four-terminal current sense resistor
More results

Similar Description - CSR1TTEB10L0D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CSR KOA-CSR Datasheet
419Kb / 2P
   four-terminal current sense resistor
CSR1TTE10L0F KOA-CSR1TTE10L0F Datasheet
272Kb / 2P
   four-terminal current sense resistor
logo
TT Electronics.
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
CSL TTELEC-CSL Datasheet
433Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
Ohmite Mfg. Co.
LVK12R005DER OHMITE-LVK12R005DER Datasheet
224Kb / 1P
   Four Terminal High Precision Current Sense
RW1S0CKR005FET OHMITE-RW1S0CKR005FET Datasheet
110Kb / 1P
   Surface Mount Four Terminal Current Sense
LVK20R050DER OHMITE-LVK20R050DER Datasheet
267Kb / 2P
   Four Terminal High Precision Current Sense
LVK12R050DER OHMITE-LVK12R050DER Datasheet
224Kb / 1P
   Four Terminal High Precision Current Sense
LVK OHMITE-LVK_18 Datasheet
485Kb / 3P
   Four Terminal High Precision Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com