Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLR2BND Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part No. TLR2BND
Description  metal plate current sense resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLR2BND Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TLR2BND Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLR2BND Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PMS 300 neg.
Black neg.
39
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
TLR
metal plate current sense resistor
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
Standard
Resistance
(
Ω)
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
TLR3A
1W
±150
±200
1m, 2m
3m, 4m
PxR
+70°C
-65°C to +170°C
F: ±1%
Derating Curve
Temperature Rise
environmental applications
100
80
60
40
20
-80
-60 -40
0
406080100180
70
20
Ambient Temperature
(°C)
0
120
170
-20
140
155
3A
2BN, 2B, 2H, 3AW
-65
125
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
100
2H
2B,
2BN
2B,
2BN
2H
1
2
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+100°C
Within regulated
tolerance
Within specified
T.C.R.
Resistance to Solder Heat
260°C ± 5°C, 10 ~ 12 seconds
±0.5%
±0.3%
Rapid Change of Temperature
-55°C (15 minutes), +150°C (15 minutes), 1000 cycles
±0.5%
±0.4%
Moisture Resistance
MIL-STD-202, Method 106, 0% power, 7a and 7b not required
±0.5%
±0.1%
Biased Humidity
85°C ± 2°C, 85% RH, 1000 hours, 10% bias
±0.5%
±0.1%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1.0%
±0.3%
Low Temperature Operation
-65°C, 24 hours
±0.5%
±0.1%
High Temperature
Exposure
+170°C, 1000 hours for 3A & 3AW (4-10 m
Ω only)
(±155°C, 1000 hours for 3AW (1-3 m
Ω), 2B & 2H only)
±1.0%
±0.6%
TLR2B
1/2W (.5W)
2m,3m,4m,5m,6m,7m,
8m,10m,11m,12m,13m,
15m,16m,18m,20m
PxR
+70°C
-65°C to +155°C
TLR2H
1W
1m,2m,3m,4m,5m,
6m,7m,8m,9m,10m
+70°C
-65°C to +155°C
PxR
Solder
Joint
2
Hot
Spot
1
TLR3AW
2W
±150
1m*
9m,10m*
PxR
+70°C
F: ±1%
125
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
100
3AW
3A
3A
3AW
1
2
TLR2B/2H 8m
TLR3A/3AW 4m
±75
F: ±1%
TLR2BN
1/2W (.5W)
2m,3m,4m,5m,6m,7m
8m,10m,11m,12m,13m,
15m,16m,18m,20m
PxR
+70°C
-65°C to +155°C
±150
F: ±1%
±75
F: ±1%
±75
F: ±1%
-65°C to +155°C
4m,5m,6m,7m,8m
2m*,3m
* 1m
Ω, 2mΩ, 10mΩ: Please contact factory for availability
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 37


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LR72ADTE metal plate current sense resistors 1  2  KOA Speer Electronics, Inc.
73M1 Metal Plate Current Sensing Resistors 1  2  CTS Corporation
DS2741 Current Monitor and Accumulator with Integrated Sense Resistor 1  2  3  4  5  More Maxim Integrated Products
SR731HT lo-ohm 0.5% 1% 2% 5%tolerance thick film current sense resistor 1  2  KOA Speer Electronics, Inc.
NPR1TTE surface mount molded current sense resistor 1  2  KOA Speer Electronics, Inc.
ULR Metal Strip Current Sense Resistors Surface Mount 1  2  3  Welwyn Components Limited
CRA2010 High Power Current Sense Chip Resistor 1  2  Bourns Electronic Solutions
1787-31 Current Sense Resistor Networks 1  2  List of Unclassifed Manufacturers
VND5025LAK-E Double channel high side driver with analog current sense for automotive applications 1  2  3  4  5  More STMicroelectronics
SC1403_04 Mobile Multi-Output PWM Controller with Lossless Current Sense 1  2  3  4  5  More Semtech Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn