Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1206HT Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # X5R1206HT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1206HT Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  X5R1206HT Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 8Page - KOA Speer Electronics, Inc. X5R1206HT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KOA SPEER ELECTRONICS, INC.
TN-196 R12
AHA 1/25/07
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 13
Ceramic Chip Capacitors
Type NPO, X5R, X7R, Y5V
1.
General
1-1 Range of Application
This document applies to miniaturized ceramic chip capacitors for applications in circuits of electronic devices.
2.
Type Designation
The type designation shall be the following form:
Case
Code
L
W
t (Max.)
d
0402
.040 ± .004
.020 ± .004
.021
.010 ± .006
(1.00 ± .10)
(.50 ± .10)
(.55)
(.25 ± .15)
0603
.063 ± .006
.032 ± .006
.035
.014 ± .006
(1.60 ± .15)
(.81 ± .15)
(.90)
(.35 ± .15)
0805
.079 ± .008
.049 ± .008
.051
.020 ± .010
(2.01 ± .20)
(1.25 ± .20)
(1.30)
(.50 ± .25)
1206
.126 ± .008
.063 ± .008
.059
.020 ± .010
(3.20 ± .20)
(1.60 ± .20)
(1.50)
(.50 ± .25)
1210
.126 ± .008
.098 ± .008
.067
.020 ± .010
(3.20 ± .20)
(2.50 ± .20)
(1.70)
(.50 ± .25)
Table 1
3.
Dimensions and Construction
Dimensions in inches (mm)
Size
Tolerance
Capacitance
Code
0402
0603
0805
1206
1210
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
Z = +80%, -20%
NPO, X5R, X7R,
Y5V - 2 significant
digits + no. of
zeros. R indicates
decimal point.
0805
K
101
Packaging
TP: 7" 2mm pitch
(0402 only)
TD: 7" paper tape
TE: 7" embossed plastic
TDB: 13" paper tape
TEB: 13" embossed plastic
TD
Termination
Material
T: Sn
T
NPO
Dielectric
New Type
Voltage
A = 10V
C = 16V
E = 25V
H = 50V
I = 100V
J = 200V
K = 6.3V
H
NPO
X5R
X7R
Y5V
W
t
L
d
d
Ni
Plating
Silver
Metallization
Solder
Plating (Sn)
Electrodes
Ceramic
Body
CERTIFIED
CERTIFIED
TN-196 R12
1/25/07
9:45 AM
Page 1


Similar Part No. - X5R1206HT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1206HTTD101B KOA-X5R1206HTTD101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206HTTD101C KOA-X5R1206HTTD101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206HTTD101D KOA-X5R1206HTTD101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206HTTD101F KOA-X5R1206HTTD101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206HTTD101G KOA-X5R1206HTTD101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1206HT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com