Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS1005TTEB151 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # SDS1005TTEB151
Description  power choke coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDS1005TTEB151 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  SDS1005TTEB151 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDS1005TTEB151 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDS1005TTEB151 Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDS1005TTEB151 Datasheet HTML 4Page - KOA Speer Electronics, Inc. SDS1005TTEB151 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SDS
power choke coils
237
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/01/06
SDS0908TTEB100
10
0.04
3.00
SDS0908TTEB120
12
0.05
2.50
SDS0908TTEB150
15
0.065
2.20
SDS0908TTEB180
18
0.075
2.00
SDS0908TTEB220
22
0.08
1.90
SDS0908TTEB270
27
0.09
1.80
SDS0908TTEB330
33
0.10
1.70
SDS0908TTEB390
39
0.135
1.50
SDS0908TTEB470
47
0.15
1.40
SDS0908TTEB560
56
0.165
1.35
SDS0908TTEB680
68
0.184
1.25
SDS0908TTEB820
82
0.26
1.05
SDS0908TTEB101
100
0.28
1.00
SDS0908TTEB121
120
0.34
0.90
SDS0908TTEB151
150
0.45
0.80
SDS0908TTEB181
180
0.50
0.70
SDS0908TTEB221
220
0.60
0.65
SDS0908TTEB271
270
0.70
0.60
SDS0908TTEB331
330
0.80
0.55
SDS0908TTEB391
390
1.00
0.50
SDS0908TTEB471
470
1.15
0.45
SDS0908TTEB561
560
1.50
0.38
SDS0908TTEB681
680
1.70
0.35
SDS0908TTEB821
820
2.20
0.32
SDS0908TTEB102
1000
2.50
0.30
SDS0908TTEB152
1500
4.00
0.25
SDS0908TTEB222
2200
5.00
0.20
SDS0908TTEB332
3300
8.00
0.15
SDS0908TTEB472
4700
12.0
0.12
SDS0908TTEB682
6800
16.5
0.10
SDS0908TTEB103
10000
26.0
0.095
SDS0908TTEB153
15000
40.0
0.075
SDS1003TTEB2R2M
2.2
0.045
2.76
SDS1003TTEB4R7M
4.7
0.078
1.90
SDS1003TTEB7R5M
7.5
0.10
1.44
SDS1003TTEB100
10
0.145
1.24
SDS1003TTEB150
15
0.20
1.02
SDS1003TTEB220
22
0.30
0.80
SDS1003TTEB330
33
0.45
0.70
SDS1003TTEB470
47
0.65
0.60
SDS1003TTEB680
68
0.80
0.48
SDS1003TTEB101
100
1.40
0.40
SDS1003TTEB151
150
1.80
0.32
SDS1003TTEB221
220
2.20
0.26
SDS1005TTEB2R2M
2.2
0.027
3.10
SDS1005TTEB3R0M
3.0
0.03
2.90
SDS1005TTEB4R7M
4.7
0.04
2.50
SDS1005TTEB7R0M
7.0
0.055
2.20
SDS1005TTEB100
10
0.065
2.00
SDS1005TTEB120
12
0.08
1.80
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
applications and ratings (continued)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Inductance
Tolerance
-20°C to +80°C
M: ±20%
Y: ±15%
M: ±20%
M: ±20%
-20°C to +80°C
-20°C to +80°C
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 42


Similar Part No. - SDS1005TTEB151

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS1005 KOA-SDS1005 Datasheet
325Kb / 5P
   power choke coil
More results

Similar Description - SDS1005TTEB151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB042T ETC2-PCMB042T Datasheet
627Kb / 1P
   Power choke coils
PCMC135T ETC2-PCMC135T Datasheet
1Mb / 1P
   Power choke coils
PCMB063T ETC2-PCMB063T Datasheet
627Kb / 1P
   Power choke coils
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com