Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT732ATTD103J3950H Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # NT732ATTD103J3950H
Description  Negative Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NT732ATTD103J3950H Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  NT732ATTD103J3950H Datasheet HTML 1Page - KOA Speer Electronics, Inc. NT732ATTD103J3950H Datasheet HTML 2Page - KOA Speer Electronics, Inc. NT732ATTD103J3950H Datasheet HTML 3Page - KOA Speer Electronics, Inc. NT732ATTD103J3950H Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS-254 R5
AHA 6/01/06
PAGE 1 OF 4
Negative Tempco Thermistor
Type NT73
1. Features
I Anti-leaching nickel barrier terminations
I Twelve standard resistance values
I Suitable for reflow and wave soldering
I Marking: Black three-digit on pink body color
3. Type Designation
Type designation shall be as the following form.
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
2. Dimensions
Type
1J
(0603)
2A
(0805)
2B
(1206)
Table 1
.063±.008
(1.6±0.2)
L
Dimensions - inches (mm)
Wc
d
t
.031±.004
(0.8±0.1)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.079±.008
(2.0±0.2)
.049±.004
(1.25±0.1)
.016±.008
(0.4±0.2)
.012
+.008
-.004
(0.3
+0.2 )
-0.1
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.02±.008
(0.5±0.3)
.024±.004
(0.6±0.1)
.02
+.008
-.004
(0.5
+0.2 )
-0.1
.016
+.008
-.004
(0.4
+0.2 )
-0.1
B Constant
Nominal
3200
3500
3700
3800
3950
4100
3800
Nominal
Resistance
2 Significant
figures +
1 multiplier
103
Packaging
TD: 7" Paper
Tape (5,000
pieces/reel)
TD
NT73
Type
Size
Code
1J: 0603
2A: 0805
2B: 1206
2A
Termination
Material
T: Sn
(Other
termination
styles available,
contact factory
for options)
T
Resistance
Tolerance
J: ±5%
K: ±10%
L: ±15%
K
B Constant
Tolerance
H: ±3%
J: ±5%
K: ±10%
J
CERTIFIED
CERTIFIED


Similar Part No. - NT732ATTD103J3950H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732ATTD103J3950H KOA-NT732ATTD103J3950H Datasheet
90Kb / 2P
   negative tempco thermistor
More results

Similar Description - NT732ATTD103J3950H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731J KOA-NT731J Datasheet
90Kb / 2P
   negative tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com