Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR733ATTPL1R00 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SR733ATTPL1R00
Description  lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR733ATTPL1R00 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SR733ATTPL1R00 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR733ATTPL1R00 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/08
SR73
lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film
current sense resistor
features
RuO2 thick film resistor element
Anti-leaching nickel barrier terminations
Meets or exceeds EIA 575, EIA PDP-100, MIL-R-55342F
Marking: Three or four digits on indigo protective coat,
1E size: no marking,
1H: no marking, black protective coat
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
ordering information
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
G: Au (2A: 0.1
Ω -
10
Ω - contact
factory)
±2%, ±5%: 2 significant figures
+ 1 multiplier “R” indicates
decimal on value <10
±1%: 3 significant figures
+ 1 multiplier “R” indicates
decimal on value <100
All values less than 0.1
(100m
Ω) are expressed in
m
Ω with “L” as decimal
Example: 20m
Ω = 20L0
1H
1E
1J
2A
2B
2E
2H
3A
W2H
W3A
TCM: 0201 only:
7" 2mm pitch pressed paper
TPL:0402 only: 2mm pitch punch paper
TP: 0402, 0603, 0805: 7" 2mm pitch
punch paper
TD: 0603, 0805, 1206, 1210:
7" 2mm pitch punched paper
TDD: 0603, 0805, 1206, 1210:
10" paper tape
TE: 0805, 1206, 1210, 2010 & 2512:
7" punched plastic
TED: 0805, 1206, 1210, 2010 & 2512:
10" punched plastic
For further information on packaging,
please refer to Appendix A
SR73
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
2B
TD
1R00
F
T
dimensions and construction
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
Type
L
.039 +.004
-.002
(1.0 +0.1 )
-0.05
.01±.004
(0.25±0.1)
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.014±.002
(0.35±0.05)
.018±.004
(0.45±0.1)
.014±.004
(0.35±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.01±.004
(0.25±0.1)
.014±.004
(0.35±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.009±.001
(0.23±0.03)
.006±.002
(0.15±0.05)
.026±.006
(0.65±0.15)
.026±.006
(0.65±0.15)
.004±.002
(0.1±0.05)
.063±.008
(1.6±0.2)
.102±.008
(2.6±0.2)
.098±.008
(2.5±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.031 +.006
-.004
(0.8 +0.15)
-0.1
.02 +.004
-.002
(0.5 +0.1 )
-0.05
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
.197±.008
(5.0±0.2)
.024±.001
(0.6±0.03)
1E
(0402)
1J
(0603)
2A
(0805)
2B
(1206)
.012±.001
(0.3±0.03)
1H
(0201)
2H
(2010)
W2H
(2010)
.122±.008
(3.1±0.2)
.248±.008
(6.3±0.2)
3A
(2512)
W3A
(2512)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
2E
(1210)
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 30


Similar Part No. - SR733ATTPL1R00

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR733ATTP1R00D KOA-SR733ATTP1R00D Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
SR733ATTP1R00F KOA-SR733ATTP1R00F Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
SR733ATTP1R00G KOA-SR733ATTP1R00G Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
SR733ATTP1R00J KOA-SR733ATTP1R00J Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
More results

Similar Description - SR733ATTPL1R00

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR732BTTD1R00F KOA-SR732BTTD1R00F Datasheet
253Kb / 2P
   lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film current sense resistor
SR73 KOA-SR73 Datasheet
557Kb / 2P
   lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film current sense resistor
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com