Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPO0402JT Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # NPO0402JT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NPO0402JT Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  NPO0402JT Datasheet HTML 1Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 2Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 3Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NPO0402JT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 13
7.
X5R Capacitance Voltage Availability
Capacitance values
pF
µF
Size
0402
0603
0805
1206
1210
6.3
(K)
10
(A)
16
(C)
6.3
(K)
10
(A)
16
(C)
25
(E)
6.3
(K)
10
(A)
16
(C)
25
(E)
6.3
(K)
10
(A)
16
(C)
25
(E)
6.3
(K)
10
(A)
Capacitance tolerance available: ±10%
100
150
220
330
470
680
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
3.3
4.7
6.8
10
22
47
100
TN-196 R12
1/25/07
9:45 AM
Page 4


Similar Part No. - NPO0402JT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPO0402 ETC1-NPO0402 Datasheet
133Kb / 7P
   ceramic chip capacitors
logo
KOA Speer Electronics, ...
NPO0402ATTD101B KOA-NPO0402ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0402ATTD101C KOA-NPO0402ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0402ATTD101D KOA-NPO0402ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0402ATTP101B KOA-NPO0402ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - NPO0402JT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com