Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT732BTTD103J3700H Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # NT732BTTD103J3700H
Description  Negative Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NT732BTTD103J3700H Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  NT732BTTD103J3700H Datasheet HTML 1Page - KOA Speer Electronics, Inc. NT732BTTD103J3700H Datasheet HTML 2Page - KOA Speer Electronics, Inc. NT732BTTD103J3700H Datasheet HTML 3Page - KOA Speer Electronics, Inc. NT732BTTD103J3700H Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 OF 4
SS-254 R5
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
4. Applications and Ratings
10,000,000
1,000,000
100
-25
0
50
75
100
125
Temperature (
°C)
10
-50
10,000
1,000
25
100,000
100k
10k
1k
3800k
3800k
3200k
5. Environmental Applications
5.1 Temperature Characteristics
6.8k
10k
15k
10k
20k
22k
30k
33k
47k
68k
100k
47k
Part
Designation
Resistance
@ 25°C
Resistance
Tolerance
B Constant
Tolerance
B Constant
@ 25°C/75°C
Operating
Temperature
Range
Thermal
Dissipation
Constant
(mW/°C)
Power
Rating
(mW)
NT731J
25
±5%
±5%
±3%
3500K
3800K
3800K
J: ±5%
K: ±10%
NEW
4100K
3700K
±3%
±10%
-55°C
to
+125°C
1k
2k
2.2k
2.4k
3.3k
4.7k
5k
6.8k
10k
15k
10k
20k
22k
30k
33k
47k
68k
100k
150k
50k
10k
15k
22k
30k
33k
47k
68k
100k
150k
1k
2.2k
3.3k
4.7k
6.8k
10k
22k
33k
47k
68k
100k
2.8
5
35
±5%
NT732A
NT732B
3200K
3500K
3800K
3500K
3800K
4100K
J: ±5%
K: ±10%
L: ±15%
J: ±5%
K: ±10%
L: ±15%
K: ±10%
L: ±15%
K: ±10%
L: ±15%
-55°C
to
+125°C
3950K
3200K
3500K
3800K
±5%
±10%
±3%
±10%
Temp. (°C)
RT/R25 Ratio vs. B Constant
-55
38770
273.24
638.23
7692.5
1203.1
40
604.07
2.8809
5.5500
54.959
5.1999
-50
28840
197.67
465.81
5414.6
820.76
45
515.10
2.4202
4.6100
45.484
4.2349
-45
21706
144.85
343.25
3864.5
568.09
50
441.00
2.0421
3.8500
37.823
3.4692
-40
16517
107.43
255.22
2794.3
398.57
55
379.00
1.7302
3.2300
31.594
2.8585
-35
12698
80.577
191.37
2045.2
283.20
60
326.90
1.4718
2.7200
26.506
2.3682
-30
9857.0 61.077
144.64
1514.1
203.64
65
282.95
1.2568
2.3100
22.330
1.9721
-25
7721.2 46.759
110.13
1133.0
148.07
70
245.72
1.0771
1.9700
18.886
1.6504
-20
6100.5 36.137
83.710
856.49
108.37
75
214.08 0.92637 1.6800
16.035
1.3877
-15
4858.7 28.173
64.190
653.63
80.182
80
187.08 0.79937 1.4500
13.663
1.1724
-10
3899.0 22.147
49.640
503.31
59.943
85
163.96 0.69199 1.2500
11.682 0.99491
-5
3151.3 17.546
38.680
390.86
45.252
90
144.11 0.60087 1.0800
10.022 0.84926
0
2564.2 14.004
30.370
305.97
34.478
95
127.00 0.52329 0.94000 8.6257 0.72802
5
2099.9 11.256
23.970
241.34
26.473
100
112.21 0.45701 0.82000 7.4466 0.62662
10
1730.0 9.1063
19.070
191.73
20.506
105
99.377 0.40016 0.72000 6.4466 0.54156
15
1433.5 7.4135
15.270
153.36
16.016
110
88.224 0.35129 0.63000 5.5968 0.46982
20
1194.2 6.0712
12.320
123.46
12.608
115
78.501 0.30915 0.56000 4.8721 0.40906
25
1000.0 5.0000
10.000
100.00
10.000
120
70.004 0.27272 0.49000 4.2523 0.35741
30
841.48 4.1398
8.1700
81.470
7.9880
125
62.558 0.24114 0.44000 3.7207 0.31332
35
711.39 3.4451
6.7100
66.739
6.4242
Note: RT/R25 ratio is the resistance at temperature (T) divided by the nominal resistance at 25°C. The RT/R25 ratio value is multiplied
by the thermistor’s nominal 25°C value to determine the nominal resistance value at a given temperature in the chart above.
k
k
B Constant
Resistance
Temp. (°C)
B Constant
Resistance
k
k
3200K 3500K 3700K 3800K 4100K
1k
Ω 5k Ω 10k Ω 100k Ω 10kΩ
k
k
k
k
3200K 3500K 3700K 3800K 4100K
1k
Ω 5k Ω 10k Ω 100k Ω 10kΩ
5.2 RT/R25 Ratio vs. B Constant


Similar Part No. - NT732BTTD103J3700H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732BTTD103J3700H KOA-NT732BTTD103J3700H Datasheet
90Kb / 2P
   negative tempco thermistor
More results

Similar Description - NT732BTTD103J3700H

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731J KOA-NT731J Datasheet
90Kb / 2P
   negative tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com