Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR72ADTE Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part No. LR72ADTE
Description  metal plate current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR72ADTE Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LR72ADTE Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR72ADTE Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
LR72A, B, C
metal plate current sense resistors
features
Superior thermal expansion cycling
Inductance less than 10nH
Solderable pads (60/40 SnPb plate)
Lead flexible for thermal expansion
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
J: ±5%
D: SnAgCu (LR72C only)
N: CuNi (non-presolder)
(LR72A, B only)
2m
Ω: 2L0
“L” indicates
the decimal
in milliohms
A
B
C
TE: 7" embossed
plastic
(LR72A, B)
TEB: 13"
embossed plastic
(LR72C)
LR72
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
A
TE
2L0
J
D
For further information on packaging,
please refer to Appendix A.
dimensions and construction
L2
L2
L
W
t
Copper Nickel
Alloy
Termination
W
t
d
L
a
Copper Nickel
Alloy
Termination
L2
L2
L
W
Copper Nickel
Alloy
Termination
g
g
LR72A
3.75 size only
d
t d
L
.39±.004
(10.0±0.1)
.079
(2.0)
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
.20±.008
(5.2±0.2)
.079
(2 Max.)
L2 +0.1
-.02
Wt
Dimensions inches
(mm)
Size
Code
LR72A
(8.00)
LR72A
(5.00)
L
.44±.016
(11.2±0.4)
.126±.016
(3.2±0.4)
.137±.016
(3.5±0.4)
.189±.030
(4.8±.75)
.093±.010
(2.35±.25)
Wt
a
d
Dimensions inches
(mm)
Size
Code
LR72C
LR72A (2m
Ω)
LR72B
LR72A
LR72C
.009
(0.22)
.006
(0.16)
d
L
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
L2 +0.1
-.02
Wt
Dimensions inches
(mm)
Size
Code
LR72A
(2.00)
.027
(0.68)
.043±.008
(1.1±0.2)
.39±.004
(10.0±0.1)
.079
(2.0)
.118±.008
(3.0±0.2)
.079
(2 Max.)
LR72B
.026
(0.66)
.043±.008
(1.1±0.2)
dg
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
LR72A
(3.75)
.013
(0.32)
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
LR72A
(2.50)
.019
(0.47)
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 40


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn