Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT722AT80 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PT722AT80
Description  Positive Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PT722AT80 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PT722AT80 Datasheet HTML 1Page - KOA Speer Electronics, Inc. PT722AT80 Datasheet HTML 2Page - KOA Speer Electronics, Inc. PT722AT80 Datasheet HTML 3Page - KOA Speer Electronics, Inc. PT722AT80 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 OF 4
SS-252 R2
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
4. Typical Circuit Schematic
PT72
R1
R2
Temperature
@ R25 x 7
Resistance
Tolerance
Absolute
Maximum
Working
Voltage
Resistance
@ 25°C
Part
Designation
Operating
Temperature
Range
Curie
Temperature
PT722A
PT722B
70°C
80°C
100°C
70°C
80°C
100°C
-55°C
to
+125°C
16V
±50%
470
120
Ω, 470Ω, 1kΩ
50
Ω, 470Ω, 1kΩ
470
Ω, 1kΩ
85°C ± 10°C
95°C ± 10°C
115°C ± 10°C
85°C ± 10°C
95°C ± 10°C
115°C ± 10°C
5. Applications and Ratings
1000
100
0
20
80
100
120
140
Temperature (
°C)
0.1
-20
1
CT 70
°C
60
10
CT 80
°C CT 100°C
160
40
6. Environmental Applications
6.1 Temperature Characteristics


Similar Part No. - PT722AT80

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PT722AT80CTE471 KOA-PT722AT80CTE471 Datasheet
89Kb / 2P
   positive tempco thermistor
More results

Similar Description - PT722AT80

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LA731JT KOA-LA731JT Datasheet
112Kb / 4P
   Thick Film Linear Positive Tempco Thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com