Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC12065 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # LPC12065
Description  Surface Mount Power Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC12065 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  LPC12065 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC12065 Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC12065 Datasheet HTML 3Page - KOA Speer Electronics, Inc. LPC12065 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS-198 R6
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 4
Item
Requirement
Test Methods
DC Super-imposition
∆L/L within -5%
Inductance when the allowable
current is applied
Resistance to
No evidence of outer damage
Solder 260 ± 5°C/6 ± 10 seconds
soldering heat
∆L/L shall be within ±5%
Vibration
∆L/L within ±5%
2 hours in each direction
of X, Y, Z, at a frequency range of
10 ~ 55 ~10Hz with 1.5 mm amplitude
Heat shock
∆L/L within ±5%
-40 ± 2°C/0.5 Hr
85 ± 2°C/0.5 Hr
100 cycles
High temperature
∆L/L within ±5%
Store at 85 ± 2°C 500 Hrs.
storage
Low temperature
∆L/L within ±5%
Store at -40 ± 2°C 500 Hrs.
storage
Moisture resistance
∆L/L within ±5%
40 ± 2°C 90 ~ 95% RH 500 Hrs.
5. Reliability Test
85
°C
-40
°C
0.5 Hr
Dimensions in inches (mm)
6. Taping
6.1 Dimensions of Tape
.069 (1.75
± 0.1)
ø.059 (ø1.5
± 0.1)
.629 (16
± 0.1) .079 (2.0 ± 0.1)
.157 (4.0
± 0.1)
.492
(12.5)
.016
(0.4)
.275
(7
± 0.2)
.511 (13.0)
Embossed tape
Top tape peeling strength: .008 ~ .027 (0.2N ~ 0.69N)
.944
(24
±
0.3)
.452
(11.5
± 0.1)
Direction of feed
Blank 1.57
(40mm min.)
Products
300 pieces
Blank 1.97
(50 mm min.)
Tape leader
5.90 (150 mm min.)
KOA SPEER ELECTRONICS, INC.


Similar Part No. - LPC12065

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC12065ATED100K KOA-LPC12065ATED100K Datasheet
151Kb / 3P
   choke coil inductor
LPC12065ATED101K KOA-LPC12065ATED101K Datasheet
151Kb / 3P
   choke coil inductor
LPC12065ATED102K KOA-LPC12065ATED102K Datasheet
151Kb / 3P
   choke coil inductor
LPC12065ATED150K KOA-LPC12065ATED150K Datasheet
151Kb / 3P
   choke coil inductor
LPC12065ATED151K KOA-LPC12065ATED151K Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC12065

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-2525 RENCO-RL-2525 Datasheet
1Mb / 2P
   SURFACE MOUNT CHIP INDUCTORS
logo
List of Unclassifed Man...
SMC1210 ETC1-SMC1210 Datasheet
17Kb / 1P
   Surface Mount Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-2515 RENCO-RL-2515 Datasheet
1Mb / 2P
   SURFACE MOUNT CHIP INDUCTORS
RL-2505 RENCO-RL-2505 Datasheet
220Kb / 2P
   SURFACE MOUNT CHIP INDUCTORS
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com