Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4045ATED101K Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LPC4045ATED101K
Description  Power Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC4045ATED101K Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LPC4045ATED101K Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC4045ATED101K Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC4045ATED101K Datasheet HTML 3Page - KOA Speer Electronics, Inc. LPC4045ATED101K Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
SS-194 R5
4.1 Rating
No.
Item
Specification
1
Nominal inductance range
0.68 µH ~ 680 µH E-6 series
Measuring Conditions: Normal testing is conducted at normal temperatures (5°C ~ 35°C) and at nominal humidity
(45% ~ 85% R. H.). If there is concern, the test may be conducted at a temperature of 20 ± 2°C and at a relative
humidity of 65 ± 5% R. H.
5. Environmental Characteristics
No.
Item
Test Methods
1
High temperature, leaving test
85 ± 2°C 500 Hr
2
Low temperature, leaving test
-40 ± 2°C 500 Hr
3
Moisture leaving test
40 ± 2°C 90 ~ 95% R. H. 500 Hr
4
Heat shock test
-40 ± 4°C/0.5 Hr
85 ± 2°C/0.5 Hr
100 cycles
5
Dropping test
1 dropped from height of 1 meter to top of board.
6
Vibration test
2 hours in each direction of X, Y, Z at a frequency
range of 10 ~ 55 Hz with 1.5 mm amplitude.
7
Operating temperature range
-30°C ~ +80°C
8
Storage temperature range
-40°C ~ +85°C
9
Resistance to soldering heat
With the temperature of the solder at 260°C +5°C, 10 seconds,
There shall be no abnormalities.
10
Resistance to solvent
MIL-STD-202F Method 215
There shall be no abnormalities under the above conditions.
Measurement: Inductance
DC Superposed characteristics
LCR Meter HP4284A
Q (Quality factor)
Frequency: Inductance
1 MHz
DC Superposed characteristics
10 KHz
85
°C
-40
°C
0.5 Hr
KOA SPEER ELECTRONICS, INC.
4. Standard Applications
Part
Designation
Inductance
(µH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
(MHz)
Measured
Frequency
(Hz)
LPC4045ATED1R0M
Inductance
Tolerance
1.0
M: ±20%
K: ±10%
20
40
90.0
0.015
3.10
1000
LPC4045ATED1R5M
1.5
70.0
0.020
2.80
LPC4045ATED2R2M
2.2
55.0
0.023
2.50
LPC4045ATED3R3M
3.3
45.0
0.044
1.80
LPC4045ATED4R7M
4.7
35.0
0.062
1.45
LPC4045ATED6R8M
6.8
25.0
0.075
1.30
LPC4045ATED100K
10
23.5
0.10
1.02
LPC4045ATED150K
15
18.5
0.15
0.84
LPC4045ATED220K
22
14.0
0.21
0.70
LPC4045ATED330K
33
12.0
0.41
0.52
LPC4045ATED470K
47
10.5
0.52
0.46
LPC4045ATED680K
68
8.0
0.67
0.40
LPC4045ATED101K
100
6.3
0.92
0.28
LPC4045ATED151K
150
5.2
1.80
0.25
LPC4045ATED221K
220
3.9
2.25
0.18
LPC4045ATED331K
330
3.0
4.27
0.15
LPC4045ATED471K
470
2.7
5.23
0.14
LPC4045ATED681K
680
2.2
6.67
0.12
LPC4045ATEDR68M
0.68
120.0
0.012
3.40


Similar Part No. - LPC4045ATED101K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045ATED101K KOA-LPC4045ATED101K Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC4045ATED101K

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com