Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC10065ATED4R7M Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LPC10065ATED4R7M
Description  choke coil inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC10065ATED4R7M Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LPC10065ATED4R7M Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC10065ATED4R7M Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC10065ATED4R7M Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
228
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
LPC
choke coil inductor
Part
Designation
Inductance
(µH)
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
(MHz)
Measured
Frequency
(Hz)
LPC4045ATED1R0M
Inductance
Tolerance
1.0
M: ±20%
M: ±20%
M: ±20%
K: ±10%
K: ±10%
20
40
40
30
20
10
40
30
20
15
90.0
0.015
3.10
1000
10 kHz
L Meas. Freq.
1 MHz
Q Meas. Freq.
2.52 MHz
LPC4045ATED1R5M
1.5
70.0
0.020
2.80
LPC4045ATED2R2M
2.2
55.0
0.023
2.50
LPC4045ATED3R3M
3.3
45.0
0.044
1.80
LPC4045ATED4R7M
4.7
35.0
0.062
1.45
LPC4045ATED6R8M
6.8
25.0
0.075
1.30
LPC4045ATED100K
10
23.5
0.10
1.02
LPC4045ATED150K
15
18.5
0.15
0.84
LPC4045ATED220K
22
14.0
0.21
0.70
LPC4045ATED330K
33
12.0
0.41
0.52
LPC4045ATED470K
47
10.5
0.52
0.46
LPC4045ATED680K
68
8.0
0.67
0.40
LPC9040NATED100M
10
25.0
0.07
1.55
LPC9040NATED150K
15
21.0
0.09
1.40
LPC9040NATED220K
22
15.0
0.11
1.25
LPC9040NATED330K
33
13.5
0.14
1.10
LPC9040NATED470K
47
11.5
0.20
0.99
LPC9040NATED680K
68
10.0
0.27
0.91
LPC9040NATED101K
100
8.0
0.41
0.70
LPC9040NATED151K
150
7.0
0.55
0.60
LPC9040NATED221K
220
5.0
0.81
0.50
LPC9040NATED331K
330
3.3
1.86
0.29
LPC9040NATED471K
470
2.8
2.07
0.22
LPC9040NATED681K
680
1.2
2.65
0.14
LPC4045ATED101K
100
6.3
0.92
0.28
LPC4045ATED151K
150
5.2
1.80
0.25
LPC4045ATED221K
220
3.9
2.25
0.18
LPC4045ATED331K
330
3.0
4.27
0.15
LPC4045ATED471K
470
2.7
5.23
0.14
LPC4045ATED681K
680
2.2
6.67
0.12
LPC10065ATEDR68M
0.68
75.0
6.0 m
9.50
LPC10065ATED1R0M
1.0
65.0
7.0 m
9.00
LPC10065ATED1R5M
1.5
50.0
8.0 m
8.50
LPC10065ATED2R2M
2.2
40.0
9.0 m
7.50
LPC10065ATED3R3M
3.3
30.0
0.012
6.80
LPC10065ATED4R7M
4.7
25.0
0.017
5.70
LPC10065ATED6R8M
6.8
20.0
0.024
4.70
LPC10065ATED100K
10
15.0
0.036
3.90
LPC10065ATED150K
15
12.0
0.054
3.15
LPC10065ATED220K
22
9.0
0.080
2.60
LPC10065ATED330K
33
8.0
0.120
2.30
LPC10065ATED470K
47
6.0
0.175
1.79
K: ±10%
M: ±20%
K: ±10%
––
––
LPC4235TTEDR82M
0.82
146.6
0.017
3.34
LPC4235TTED1R0M
1.0
125.1
0.020
3.27
LPC4235TTED1R2M
1.2
114.7
0.023
3.10
LPC4235TTED1R5M
1.5
101.4
0.031
2.53
LPC4235TTED2R2M
2.2
78.8
0.039
2.28
LPC4235TTED3R3M
3.3
66.7
0.070
1.63
LPC4235TTED4R7M
4.7
52.0
0.090
1.44
LPC4235TTED6R8M
6.8
43.5
0.109
1.29
LPC4235TTED100K
10
33.5
0.190
0.91
LPC4235TTED150K
15
29.1
0.230
0.87
LPC4235TTED220K
22
21.7
0.366
0.69
LPC4235TTED330K
33
13.9
0.542
0.52
LPC4235TTED470K
47
12.0
0.688
0.47
LPC4235TTED680K
68
12.7
1.30
0.34
LPC4235TTED101K
100
10.4
1.66
0.31
LPC4235TTED151K
150
7.5
2.96
0.22
LPC4235TTED221K
220
6.7
3.77
0.20
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:56 PM
Page 33


Similar Part No. - LPC10065ATED4R7M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC10065ATED101K KOA-LPC10065ATED101K Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED101M KOA-LPC10065ATED101M Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED152K KOA-LPC10065ATED152K Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED152M KOA-LPC10065ATED152M Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED221K KOA-LPC10065ATED221K Datasheet
82Kb / 4P
   Power Chip Inductors4
More results

Similar Description - LPC10065ATED4R7M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPM1060TTEG100M KOA-LPM1060TTEG100M Datasheet
225Kb / 2P
   choke coil inductor
SDR0604T KOA-SDR0604T Datasheet
93Kb / 3P
   power choke coil inductor
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
   shielded power choke coil inductor
logo
Murata Manufacturing Co...
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com