Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TZQ5221B Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TZQ5221B
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TZQ5221B Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TZQ5221B...TZQ5267B
Vishay Telefunken
Rev. 3, 01-Apr-99
4 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85612
04
8
12
16
20
95 9604
0
20
40
60
80
100
VZ – Z-Voltage ( V )
Ptot=500mW
Tamb=25°C
Figure 7. Z–Current vs. Z–Voltage
15
20
25
30
0
10
20
30
40
50
VZ – Z-Voltage ( V )
35
95 9607
Ptot=500mW
Tamb=25°C
Figure 8. Z–Current vs. Z–Voltage
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9606
Tj =25°C
IZ=1mA
5mA
10mA
Figure 9. Differential Z–Resistance vs. Z–Voltage
1
10
100
1000
tp – Pulse Length ( ms )
95 9603
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=300K/W
DT=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzjDT/Zthp)1/2)/(2rzj)
Figure 10. Thermal Response


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreTEMIC Semiconductors
BZM55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZM55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMBSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
1N4678Silicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMCSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZS4678Silicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn