Electronic Components Datasheet Search |
|
DN7S03TTEB Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc. |
|
DN7S03TTEB Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc. |
2 / 2 page DN(X) diode terminator network Capacitance @1Mhz Leakage Current @7V Part Designation ESD Voltage Capability IEC 61000-4-2 Operating Temperature Range Forward Voltage 1F=50ma Reverse Breakdown Voltage 1R=1ma applications and ratings Continuous Forward Current* * One diode conducting application schematic Transient Driver Receiver Transient Suppressed – Rail or GND + Rail DN(X) 16kV -55°C to +125°C 7.2V 1uA 2pF 0.4 to 1.2V 50mA Signal Ringing Driver Receiver Ringing Eliminate – Rail or GND + Rail ESD Suppression Signal Conditioning DNA DN2 DN3 DN4 DN5 DN6 DN7 ordering information Package type symbol + number of pins S03: 3 pin SOT23 S04: 4 pin SOT23 S06: 6 pin SOT23 N08: 8 pin Narrow SOIC Q20: 20 pin QSOP Q24: 24 pin QSOP T: Sn (Other termination styles available, contact factory for options) DNA Q20 T TEB Termination Material Type Package Symbol Packaging New Part # TE: 7" embossed plastic TEB: 13" embossed plastic tape 201 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/21/08 1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328 1/27/09 4:44 PM Page 6 |
Similar Part No. - DN7S03TTEB |
|
Similar Description - DN7S03TTEB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |