Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZB1JGTTD900P Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CZB1JGTTD900P
Description  multilayer ferrite bead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZB1JGTTD900P Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CZB1JGTTD900P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZB1JGTTD900P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZB1JGTTD900P Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
252
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
7/12/07
PMS 300 neg.
Black neg.
500
400
200
350
200
100
50
400
350
300
200
600
400
300
250
300
250
210
250
210
200
100
600
400
500
300
400
300
200
800
600
CZB
multilayer ferrite bead
applications and ratings
Part
Designation
Impedance
@ 100MHz
(
Ω)
DC
Resistance
Maximum ††
(
Ω)
Allowable
DC Current
Maximum
(mA)
Operating
Temperature
Range
CZB1EGTTP100P
10
CZB1EGTTP400P
40
CZB1EGTTP700P
70
CZB1EGTTP800P
80
CZB1EGTTP121P
120
CZB1EGTTP221P
220
CZB1EGTTP301P
300
CZB1EGTTP451P
450
CZB1EGTTP601P
600
CZB1EGTTP102P
1000
CZB1ESTTP100P
10
CZB1ESTTP300P
30
CZB1ESTTP600P
60
CZB1ESTTP800P
80
CZB1ESTTP101P
100
CZB1ESTTP121P
120
CZB1JGTTD190P
19
CZB1JGTTD300P
30
CZB1JGTTD400P
40
CZB1JGTTD600P
60
CZB1JGTTD800P
80
CZB1JGTTD900P
90
CZB1JGTTD101P
100
CZB1JGTTD121P
120
CZB1JGTTD141P
140
CZB1JGTTD151P
150
CZB1JGTTD181P
180
CZB1JGTTD221P
220
CZB1JGTTD301P
300
CZB1JGTTD421P
420
CZB1JGTTD451P
450
CZB1JGTTD601P
600
CZB1JGTTD102P
1000
CZB1JGTTD152P
1500
CZB1JSTTD100P
10
CZB1JSTTD300P
30
CZB1JSTTD400P
40
CZB1JSTTD600P
60
CZB1JSTTD800P
80
CZB1JSTTD101P
100
CZB1JSTTD121P
120
CZB1JSTTD221P
220
CZB1JSTTD301P
300
CZB1JSTTD601P
600
CZB1JSTTD102P
1000
CZB2AFTTD110P
11
CZB2AFTTD170P
17
CZB2AFTTD300P
30
CZB2AFTTD400P
40
CZB2AFTTD500P
50
CZB2AFTTD600P
60
CZB2AFTTD800P
80
CZB2AGTTD101P
100
0.05
0.30
0.40
0.50
0.70
0.80
0.90
1.00
1.50
0.20
0.30
0.40
0.10
0.20
0.30
0.35
0.40
0.45
0.60
0.70
0.10
0.25
0.20
0.30
0.40
0.35
0.65
0.60
0.10
0.15
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
For complete environmental specifications,
please refer to pages 256-257.
Impedance test method: HP4291A
††
DCR test method: Keithley 580
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 57


Similar Part No. - CZB1JGTTD900P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1JGTTD900P KOA-CZB1JGTTD900P Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
More results

Similar Description - CZB1JGTTD900P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
   multilayer ferrite bead
logo
Allied Components Inter...
MLB03 ALLIED-MLB03 Datasheet
2Mb / 1P
   Multilayer Ferrite Bead
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
   Multilayer Ferrite Bead s
logo
KOA Speer Electronics, ...
CZP1JPT KOA-CZP1JPT Datasheet
85Kb / 2P
   multilayer power ferrite bead
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
   multilayer power ferrite bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Allied Components Inter...
MLB05 ALLIED-MLB05 Datasheet
749Kb / 1P
   Multilayer Ferrite Bead s
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com