Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0604TTEB5R6M Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # SDR0604TTEB5R6M
Description  power choke coil inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDR0604TTEB5R6M Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  SDR0604TTEB5R6M Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDR0604TTEB5R6M Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDR0604TTEB5R6M Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Performance Characteristics
Parameter
Load 1 kg. for 10 seconds
R: The top of load stock
L: Slot width
SDR0805: 1.57"
(4.0mm)
SDR1006: .236"
(6.0mm)
No damage
Maximum
∆ L
Test Method
Body Strength
To put the sample on paper phenotic resin laminate base and to vibrate
at the frequency of 10 - 55 - 10 Hz for each X, Y, Z direction for 2 hours
and to sweep it at a full vibration width of .059"
(1.5mm) for 1 minute
To keep @ -25°C to +85°C for 30 minutes in 5 cycles and leave for
1 - 15 minutes in normal temperature at the time of transition between
low temperatures and high temperatures
Change of inductance: ±5%
Resistance to Vibration
Change of inductance: ±10%
Temperature Cycling
1R
To immerse into solder bath @ 260°C ± 5°C for 10 seconds ± 1 second
No remarkable visual damage
Resistance to Soldering
To immerse in solder bath @ 235°C ± 5°C for 3 seconds ± 0.5 second
The electrode shall be covered
with new solder
Solderability
To leave in a bath @ -40°C ±2°C for 1000 hours
Change of inductance: ±10%
Resistance to Cold
60°C ± 2°C, 90 - 95% RH, 1000 hours
Change of inductance: ±10%
Resistance to Damp
(Steady State)
40°C ± 2°C, 90 - 95% RH
Change of inductance: ±10%
Endurance
(Under Damp and Load)
85°C ± 2°C, supply allowable current for 1000 hours
Change of inductance: ±10%
Endurance
(Under High Temperature)
To leave in a bath @ 85°C ±2°C for 2 hours
(Resistance to heat of ferrite core: 120°C)
Change of inductance: ±10%
Resistance to Heat
20°C shall be standard and change of inductance shall be measured
@ -25°C to +85°C
Change of inductance: ±5%
T.C.R.
SDR
power choke coil inductor
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
applications and ratings (continued)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Storage
Temperature
Range
Inductance
Tolerance
270
330
390
470
560
680
820
0.97
1.15
1.30
1.48
1.90
2.25
2.55
0.57
0.52
0.48
0.42
0.33
0.28
0.24
SDR1006TTEB271K
SDR1006TTEB331K
SDR1006TTEB391K
SDR1006TTEB471K
SDR1006TTEB561K
SDR1006TTEB681K
SDR1006TTEB821K
234
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/06
-20°C to +80°C
-40°C to +105°C
K: ±10%
environmental applications
L-Frequency Characteristics
10
0.01
1
100
0.1
Frequency (MHz)
1
10
1000
100
SDR1006-821K
SDR1006-101K
SDR1006-120K
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 39


Similar Part No. - SDR0604TTEB5R6M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0604TTEB KOA-SDR0604TTEB Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
SDR0604TTEB100K KOA-SDR0604TTEB100K Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
SDR0604TTEB100M KOA-SDR0604TTEB100M Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
SDR0604TTEB100Y KOA-SDR0604TTEB100Y Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
SDR0604TTEB101K KOA-SDR0604TTEB101K Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
More results

Similar Description - SDR0604TTEB5R6M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
   shielded power choke coil inductor
LPM1060TTEG100M KOA-LPM1060TTEG100M Datasheet
225Kb / 2P
   choke coil inductor
LPC4045A KOA-LPC4045A Datasheet
151Kb / 3P
   choke coil inductor
logo
Murata Manufacturing Co...
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com