Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZB1EGTTP451P Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CZB1EGTTP451P
Description  multilayer ferrite bead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZB1EGTTP451P Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CZB1EGTTP451P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZB1EGTTP451P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZB1EGTTP451P Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
features
Designed to reduce noise at high frequencies
Standard EIA packages: 1E, 1J, 2A, 2B
Nickel barrier with solder overcoat for excellent
solderability
Magnetically shielded
Marking: Black body color with no marking
Products with lead-free terminations meet
EU RoHS requirements
CZB
multilayer ferrite bead
dimensions and construction
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
L
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.014±.006
(0.36±0.15)
.031±.006
(0.8±0.15)
Wt
d
Dimensions inches
(mm)
1J
(0603)
.039±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.01±.004
(0.25±0.1)
.02±.004
(0.5±0.1)
1E
(0402)
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.020±.012
(0.51±0.30)
.035±.008
(0.9±0.2)
2A
(0805)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.020±.012
(0.51±0.30)
.043±.008
(1.1±0.2)
2B
(1206)
TP: 7" paper tape
(1E only - 10,000 pieces/reel)
TD: 7" paper tape
(1J - 4,000 pieces/reel)
(2A - <2000
Ω - 4,000
pieces/reel; 2200
Ω - 2,000
pieces/reel)
TE: 7" embossed plastic
(2B - 3,000 pieces/reel)
ordering information
1E
1J
2A
2B
F
G
S
T: Sn
CZB
1E
G
T
Permeability
Code
Type
Size
Termination
Material
Packaging
New Part #
TP
For further information
on packaging, please refer
to Appendix A.
Type
(Inch Size Code)
2 significant
figures + 1
multiplier
Impedance
120
P: ±25%
Tolerance
P
EU
251
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 56


Similar Part No. - CZB1EGTTP451P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EGTTP451P KOA-CZB1EGTTP451P Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
More results

Similar Description - CZB1EGTTP451P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
   multilayer ferrite bead
logo
Allied Components Inter...
MLB03 ALLIED-MLB03 Datasheet
2Mb / 1P
   Multilayer Ferrite Bead
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
   Multilayer Ferrite Bead s
logo
KOA Speer Electronics, ...
CZP1JPT KOA-CZP1JPT Datasheet
85Kb / 2P
   multilayer power ferrite bead
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
   multilayer power ferrite bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Allied Components Inter...
MLB05 ALLIED-MLB05 Datasheet
749Kb / 1P
   Multilayer Ferrite Bead s
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com