Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT732BTTD103J3800J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # NT732BTTD103J3800J
Description  negative tempco thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NT732BTTD103J3800J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  NT732BTTD103J3800J Datasheet HTML 1Page - KOA Speer Electronics, Inc. NT732BTTD103J3800J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
154
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/31/08
NT73
negative tempco thermistor
features
Anti-leaching nickel barrier terminations
Twelve standard resistance values
Suitable for reflow and wave soldering
Marking: 1J no marking on pink body, 2A
and 2B black three digit on pink body color
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
For further information on packaging,
please refer to Appendix A.
ordering information
J: ±5%
K: ±10%
L: ±15%
3200
3500
3700
3800
3950
4100
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
2 significant
figures + 1
multiplier
1J: 0603
2A: 0805
2B: 1206
TD: 7"
paper tape
(5,000
pieces/reel)
NT73
Type
B Constant
Nominal
Size
Code
Nominal
Resistance
Resistance
Tolerance
Termination
Material
Packaging
New Part #
2A
TD
103
K
T
3800
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
dimensions and construction
L
.012 +.008
-.004
(0.3 +0.2)
-0.1
.02 +.008
-.004
(0.5 +0.2)
-0.1
.063±.008
(1.6±0.2)
.031±.004
(0.8±0.1)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.016±.008
(0.4±0.2)
.049±.004
(1.25±0.1)
.079±.008
(2.0±0.2)
2A
(0805)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.024±.004
(0.6±0.1)
.02±.008
(0.5±0.3)
.063±.008
(1.6±0.2)
.126±.008
(3.2±0.2)
2B
(1206)
Wc
d
t
Dimensions inches
(mm)
Type
1J
(0603)
(Inch Size Code)
H: ±3%
J: ±5%
K: ±10%
B Constant
Tolerance
J
6.8k
10k
15k
10k
20k
22k
30k
33k
47k
68k
100k
47k
Part
Designation
Resistance
@ 25°C
Resistance
Tolerance
applications and ratings
B Constant
Tolerance
B Constant
@ 25°C/75°C
Operating
Temperature
Range
Power
Rating
(mW)
NT731J
5
±5%
±5%
±3%
3500K
3800K
3800K
J: ±5%
K: ±10%
4100K
3700K
±3%
±10%
-55°C
to
+125°C
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 152


Similar Part No. - NT732BTTD103J3800J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732BTTD103J3800J KOA-NT732BTTD103J3800J Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results

Similar Description - NT732BTTD103J3800J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com