Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CND1J5KTTD Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # CND1J5KTTD
Description  Chip Networks Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CND1J5KTTD Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  CND1J5KTTD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CND1J5KTTD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CND1J5KTTD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CND1J5KTTD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9.1 Taping Dimension (Embossed)
Lot Number
PAGE 4 OF 4
SS-217 R2
11. Reel Marking
The reel must be marked as follows:
(1) Type designation
(2) Nominal resistance
(3) Quantity
(4) Production lot number
(5) Manufacturer’s name
(6) Customer’s code number
(7) Order number
10. Reel (Polystyrene Reel)
KOA SPEER ELECTRONICS, INC.
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. P lease confir m technical specifications before you order and/or use.
Type
Component Size (mm)
LW
T
Quantity/
Reel
(Pieces)
Taping (mm)
Reel
Size
A
B
WP1
T1
Carrier
Tape
2B10
6.40
3.1
0.6
TE
4000
6.6±0.2
3.4±0.2
12.0±0.1
4.0±0.1
1±0.15
178
CND
1J10
3.20
1.6
0.55
TD
5000
3.5±0.1
2.0±0.1
8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2A10
4.00
2.1
0.6
TE
4000
4.45±0.2
2.5±0.2
12.0±0.1
4.0±0.1
1±0.15
178
2B5Z
3.2
2.5
0.6
TE
4000
3.5±0.2
3.0±0.2
8.0±0.2
4.0±0.1
1±0.15
178
CNB
2E9Z
6.40
3.2
TE
4000
6.7±0.2
3.5±0.2
12.0±0.1
4.0±0.1
1±0.15
178
(Notes) Dotted lines are applicable to only "TP" and "TB."
(TP)
Carrier Tape
T1
P1
B
1.5
+0.1
-0
P1
2.0 4.0
±0.1 Direction of feed
T1
T1
Type
ød (mm) e (mm)
All
21
2
(Notes) Reel holes, shapes and design are examples
ø13
ød
e
Central hole
(mm)
Reel
53
11
8
001
Production
Date
Factory
Continuous
year, month
number
8 KT & T factory
17~28
January 2004 ~ December 2004
29~40
January 2005 ~ December 2005
41~52
January 2006 ~ December 2006
53~64
January 2007 ~ December 2007
Lot number (8 digits)
Tape material
Tape width
Quantity/Reel (pcs.)
Embossed
.472 in. (12 mm)
4,000
9. Taping
Tape material and quantity per reel
SS-217 R2
6/4/07
1:29 PM
Page 4


Similar Part No. - CND1J5KTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CND1J10VKTTD103J KOA-CND1J10VKTTD103J Datasheet
318Kb / 2P
   bussed square corner resistor array
logo
List of Unclassifed Man...
CND1J10YLTD510J ETC2-CND1J10YLTD510J Datasheet
344Kb / 3P
   bussed square corner resistor array
CND1J10YTTD151J ETC2-CND1J10YTTD151J Datasheet
344Kb / 3P
   bussed square corner resistor array
CND1J10YTTD332J ETC2-CND1J10YTTD332J Datasheet
344Kb / 3P
   bussed square corner resistor array
CND1J10YTTD390J ETC2-CND1J10YTTD390J Datasheet
344Kb / 3P
   bussed square corner resistor array
More results

Similar Description - CND1J5KTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4AT KOA-CN1J4AT Datasheet
90Kb / 4P
   Chip Networks Resistors
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Rohm
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com