Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1206ATTP101B Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # X5R1206ATTP101B
Description  ceramic chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1206ATTP101B Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  X5R1206ATTP101B Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1206ATTP101B Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1206ATTP101B Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1206ATTP101B Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1206ATTP101B Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1206ATTP101B Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
242
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
8/17/07
0
-35
-15
Temperature (°C)
+20
-10
-55
+105
+85
+25
+5
+10
-20
-60
-80
+125
-30
-40
-50
-70
+45 +65
NPO, X5R, X7R,Y5V
ceramic chip capacitors
Insulation Resistance vs Temp.
environmental applications
10000
1000
Temperature (°C)
+25
+20
+100
100
+40
+60
+80
X5R
X7R
Y5V
Z5U
NPO
NPO - Temperature Coefficient
0
-35
-15
+125
Temperature (°C)
+0.5
-0.5
-55
+105
+85
+65
+45
+25
+5
Typical Capacitance Change
Envelope: 0 ± 30 ppm/°C
X5R - Temperature Coefficient
0
-40
-20
Temperature (°C)
+20
-5
-60
+80
+60
+40
+20
0
+15
+10
+5
-10
-15
-20
X7R - Temperature Coefficient
0
-50
-25
Temperature (°C)
+12
-6
-75
+100
+75
+50
+25
0
+6
-12
-18
-24
+125
Y5V - Temperature Coefficient
PMS 300 neg.
Black neg.
.47pF~8.2pF=
C:±0.25pF
5.6pF~8.2pF=
D±0.5pF
10pF~
10000pF=
F:±1%,
G:±2%,J:±5%
K: ±10%
K: ±10%
Z: +80, -20%
Dielectric
Capacitance
Tolerance*
Voltage
Ratings
Dissipation
Factor
T.C.C.
Test Voltage
Operating
Temperature
Insulation
Resistance
applications and ratings
For Values
>30pF: 0.1%
max.,
≤30pF:
Q = 400 + 20 x C
DF = 1/Q
C is in pF
0 ± 30 ppm/°C 1.0 ± 0.2 Vrms
-55°C
to
+125°C
+25°C 100,000M
Ω min.
or 1000 M
Ω - µF min.
whichever is less
NPO
Capacitance
Range
0.47pF -
0.010µF
16V
25V
50V
100V
200V
6.3V =
7.5% max.
10V =
10% max.
±15% (0 VDC) 1.0 ± 0.2 Vrms
-55°C
to
+85°C
+25°C 100,000M
Ω min.
or 500 M
Ω - µF min.
whichever is less
X5R
0.068µF -
22µF
6.3V
10V
10V = 10% max.
16V = 3.5%
max.
25V, 50V,
100V = 2.5%
max.
±15% (0 VDC) 1.0 ± 0.2 Vrms
-55°C
to
+125°C
+25°C 100,000M
Ω min.
or 1000 M
Ω - µF min.
whichever is less
X7R
100pF -
4.7µF
10V
16V
25V
50V
100V
200V
16V & 25V
= 7.0%
50V = 5.0%
+22% to -82%
max.
1.0 ± 0.2 Vrms
-30°C
to
+85°C
+25°C 10,000M
Ω min.
or 1000 M
Ω - µF min.
whichever is less
Y5V
10000pF -
22µF
10V
16V
25V
50V
* Special tolerances available, please consult factory.
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 47


Similar Part No. - X5R1206ATTP101B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1206ATTP101B KOA-X5R1206ATTP101B Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1206ATTP101B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com