Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSUS520 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSUS520
Description  GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSUS520 Datasheet(HTML) 6 Page - Vishay Siliconix

  TSUS520 Datasheet HTML 1Page - Vishay Siliconix TSUS520 Datasheet HTML 2Page - Vishay Siliconix TSUS520 Datasheet HTML 3Page - Vishay Siliconix TSUS520 Datasheet HTML 4Page - Vishay Siliconix TSUS520 Datasheet HTML 5Page - Vishay Siliconix TSUS520 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TSUS520.
Vishay Telefunken
6 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81055
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as their
impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Similar Part No. - TSUS520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS520 VISHAY-TSUS520 Datasheet
119Kb / 7P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.0, 23-Feb-07
TSUS5200 VISHAY-TSUS5200 Datasheet
119Kb / 7P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.0, 23-Feb-07
TSUS5200 VISHAY-TSUS5200 Datasheet
110Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 2.1, 05-Sep-08
TSUS5200 VISHAY-TSUS5200 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS5200 VISHAY-TSUS5200 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
More results

Similar Description - TSUS520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400 Datasheet
81Kb / 5P
   GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSUS4300 VISHAY-TSUS4300 Datasheet
80Kb / 5P
   GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
   GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 3, 20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA620 VISHAY-TSHA620 Datasheet
87Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSUS540 VISHAY-TSUS540 Datasheet
86Kb / 6P
   GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
Rev. 2, 20-May-99
TSUS5400 VISHAY-TSUS5400 Datasheet
122Kb / 6P
   GaAs Infrared Emitting Diodes in 5 mm Package
Rev. 2, 20-May-99
logo
Unity Opto Technology
MIE-824A4 UOT-MIE-824A4 Datasheet
31Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546A2U UOT-MIE-546A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com